Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG3220 Datasheet (PDF) - STMicroelectronics

STG3220 Datasheet PDF - STMicroelectronics
Part # STG3220
Download  STG3220 Download
File Size   497.59 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage high bandwidth dual SPDT switch

STG3220 Datasheet (PDF)

Go To PDF Page Download Datasheet
STG3220 Datasheet PDF - STMicroelectronics

Part # STG3220
Download  STG3220 Click to download

File Size   497.59 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low voltage high bandwidth dual SPDT switch

STG3220 Datasheet (HTML) - STMicroelectronics


STG3220 Product details

Description
The STG3220 is a high-speed CMOS low voltage dual analog SPDT (single pole dual throw) switch or 2:1 multiplexer/de-multiplexer switch fabricated in silicon gate C2MOS technology. It is designed to operate from 1.65 V to 4.3 V, making this device ideal for portable applications. The SEL input is provided to control the switch. The switch nS1 is ON (connected to common ports Dn) when the SEL input is held high and OFF (high impedance state exists between the two ports) when SEL is held low; the switch nS2 is ON (it is connected to common port Dn) when the SEL input is held low and OFF (high impedance state exists between the two ports) when SEL is held high. STG3220 has an integrated fail safe function to withstand over-voltage condition when the device is powered off. The STG3220 also has an interrupt pin which sends a signal to the processor when the device is in dedicated port charging mode. Additional key features are fast switching speed, break-beforemake-delay time and ultra low power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage. QFN10 (1.8 x 1.4 mm)

Features
■ Ultra low power dissipation: – ICC = 1 μA (max.) at TA = 85 °C
■ Low "ON" resistance: – RON = 4.8 Ω (TA = 25 ºC) at VCC = 4.3 V – RON = 5.9 Ω (TA = 25 ºC) at VCC = 3.0 V
■ Wide operating voltage range: – VCC (opr) = 1.65 V to 4.3 V
■ 4.3 V tolerant and 1.8 V compatible threshold on digital control input at VCC = 2.3 V to 3.0 V
■ Typical bandwidth (-3 dB) at 800 MHz on all channels
■ USB (2.0) high speed (480 Mbps) signal switching compliant
■ Integrated fail safe function
■ Interrupt function to indicate to the processor that the device is in dedicated port charging mode
■ Latch-up performance exceeds 500 mA per JESD 78, Class II
■ ESD performance exceeds JESD22: – Dn pins: 4000-V human body model (A114-A) – All other pins: 2000-V human body model (A114-A)

Applications
■ Mobile phones




Similar Part No. - STG3220

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3155DTR STMICROELECTRONICS-STG3155DTR Datasheet
383Kb / 18P
Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
25-May-2007
STG3157 STMICROELECTRONICS-STG3157 Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
STG3157 STMICROELECTRONICS-STG3157 Datasheet
359Kb / 18P
Low voltage low on-resistance SPDT switch with break-before-make feature
19-Apr-2010
STG3157CTR STMICROELECTRONICS-STG3157CTR Datasheet
245Kb / 10P
LOW VOLTAGE LOW ON RESISTANCE SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
Sep-2002
More results


Similar Description - STG3220

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2032 VISHAY-DG2032 Datasheet
88Kb / 5P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
18-Aug-03
DG2016 VISHAY-DG2016 Datasheet
62Kb / 6P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switch
20-Jan-03
logo
STMicroelectronics
STG3682 STMICROELECTRONICS-STG3682 Datasheet
303Kb / 19P
Low voltage high bandwidth dual SPDT switch
04-Dec-2006
STG3693 STMICROELECTRONICS-STG3693 Datasheet
309Kb / 17P
Low voltage high bandwidth Quad SPDT switch
03-Jan-2006
STG3692 STMICROELECTRONICS-STG3692 Datasheet
313Kb / 18P
Low voltage high bandwidth quad SPDT switch
03-Jul-2007
STG3693 STMICROELECTRONICS-STG3693_1 Datasheet
295Kb / 18P
Low voltage high bandwidth Quad SPDT switch
23-Jul-2007
logo
Integrated Device Techn...
IDTUS4717 IDT-IDTUS4717 Datasheet
275Kb / 14P
4.5 OHM LOW VOLTAGE, HIGH BANDWIDTH, DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG2016 VISHAY-DG2016_11 Datasheet
131Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
DG2519E VISHAY-DG2519E Datasheet
189Kb / 10P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
03-Apr-17
DG2016 VISHAY-DG2016_V01 Datasheet
134Kb / 8P
High-Bandwidth, Low Voltage, Dual SPDT Analog Switches
13-Jun-11
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com