Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2034 Datasheet (PDF) - Vishay Siliconix

DG2034 Datasheet PDF - Vishay Siliconix
Part # DG2034
Download  DG2034 Download
File Size   166.55 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single 4:1 Low rON Multiplexers

DG2034 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2034 Datasheet PDF - Vishay Siliconix

Part # DG2034
Download  DG2034 Click to download

File Size   166.55 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single 4:1 Low rON Multiplexers

DG2034 Datasheet (HTML) - Vishay Siliconix


DG2034 Product details

FEATURES
• Low voltage operation (1.8 V to 5.5 V)
• Low on-resistance - rDS(on): 4 Ω
• Off-isolation and crosstalk: - 55 dB at 10 MHz
• Fast switch - 25 ns tON
• Low charge injection - QINJ: 4.7 pC
• Low power consumption - 4 μW

BENEFITS
• High accuracy
• High bandwidth
• TTL and low voltage logic compatibility
• Low power consumption
• Reduced PCB space

APPLICATIONS
• Mixed signal routing
• Portable and battery operated systems
• Low voltage data acquisition
• Modems
• PCMCIA cards

DESCRIPTION
The DG2034 is a low voltage, low rON, high bandwidth single
4 to 1 analog multiplexer designed for high performance
switching of analog and video signals. Combining low power;
fast switching; low on-resistance, flatness and matching; and
small physical size, the DG2034 is ideal for portable and
battery applications.
Built on Vishay Siliconix’s low voltage CMOS process, the
DG2034 has an epitaxial layer which prevents latchup.
Break-before-make is guaranteed.




Similar Part No. - DG2034

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
DG2034 VISHAY-DG2034 Datasheet
140Kb / 8P
Single 4:1 Low rON Multiplexers
28-Jan-08
DG2034DN VISHAY-DG2034DN Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
DG2034DN-T1-E4 VISHAY-DG2034DN-T1-E4 Datasheet
140Kb / 8P
Single 4:1 Low rON Multiplexers
28-Jan-08
DG2034DQ VISHAY-DG2034DQ Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
More results


Similar Description - DG2034

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
logo
Vishay Siliconix
DG2034 VISHAY-DG2034 Datasheet
98Kb / 7P
Single 4:1 Low rON Multiplexers
01-Sept-03
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
Single 4 x 1 and Dual 2 x 1 Multiplexers
17-Feb-03
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
Single 4:1 Low rON Multiplexers
28-Jan-08
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
Single 4 x 1 and Dual 2 x 1 Multiplexers
14-May-07
logo
Protek Devices
PA2034 PROTEC-PA2034 Datasheet
273Kb / 9P
Single 4:1 Low RON Multiplexer
logo
Texas Instruments
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com