Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG2747 Datasheet (PDF) - Vishay Siliconix

DG2747 Datasheet PDF - Vishay Siliconix
Part # DG2747
Download  DG2747 Download
File Size   172.65 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.4-Ω, Low Voltage, Dual SPST Analog Switch

DG2747 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG2747 Datasheet PDF - Vishay Siliconix

Part # DG2747
Download  DG2747 Click to download

File Size   172.65 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 0.4-Ω, Low Voltage, Dual SPST Analog Switch

DG2747 Datasheet (HTML) - Vishay Siliconix


DG2747 Product details

FEATURES
Wide operation voltage range: 1.6 V to 4.3 V
Low on-resistance: 0.4 Ω typ. at 2.7 V
Low voltage logic threshold:
Vth(high) = 1.4 V at V+ = 3 V
- 100 dB crosstalk at 100 kHz
> 250 mA latch up current per JESD78
Switch exceeds 7 kV ESD/HBM

BENEFITS
Ultra small miniQFN8 package of 1.4 x 1.4 x 0.55 mm
High fidelity audio switch
Reed relay replacement
Low power consumption

APPLICATIONS
Cellular phones
Portable media player
GPS
PCMCIA cards
Medical and test equipment

DESCRIPTION
The DG2747, DG2748, and DG2749 are high performance,
low on-resistance analog switches of dual SPST
configuration.
Built on Vishay Siliconix's sub-micro CMOS technology, the
DG2747, DG2748, DG2749 achieve switch on-resistance of
0.4 Ω at 2.7 V V+ and 0.3 Ω at 4.3 V V+. It provides 0.1 Ω
flatness at 2.7 V V+, and total harmonic distortion to 0.03 %
(frequency range 20 Hz to 20 kHz). It achieves - 72 dB
off-isolation and - 100 dB crosstalk at 100 kHz. Its - 3 dB
bandwidth is up to 93 MHz.
It can switch signals with amplitudes of up to VCC to be
transmitted in either direction.
The select pins of the control logic can tolerate voltages
above V+. Logic high is 1.4 V to make it compatible with
many low voltage digital control circuits.
Combining wide operation voltage, low power, high speed,
low on-resistance and small physical size, the DG2747,
DG2748, DG2749 are ideal for portable and battery powered
applications requiring high performance and efficient use of
board space.
The DG2747, DG2748, DG2749 come in a small miniQFN-8
lead package (1.4 x 1.4 x 0.55 mm). As a committed partner
to the community and the environment, Vishay Siliconix
manufactures this product with the lead (Pb)-free device
terminations and is 100 % RoHS compliant.




Similar Part No. - DG2747

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG2747 VISHAY-DG2747 Datasheet
155Kb / 9P
0.4-ohm, Low Voltage, Dual SPST Analog Switch
09-Mar-09
DG2747DN-T1-E4 VISHAY-DG2747DN-T1-E4 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG2747DN-T1-E4 VISHAY-DG2747DN-T1-E4 Datasheet
155Kb / 9P
0.4-ohm, Low Voltage, Dual SPST Analog Switch
09-Mar-09
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
0.4-ohm, Low Voltage, Dual SPST Analog Switch
09-Mar-09
More results


Similar Description - DG2747

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_07 Datasheet
587Kb / 11P
Low-Voltage SPST 0.4廓 Analog Switch
logo
Vishay Siliconix
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
30-Apr-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG2747 VISHAY-DG2747_09 Datasheet
155Kb / 9P
0.4-ohm, Low Voltage, Dual SPST Analog Switch
09-Mar-09
logo
Fairchild Semiconductor
FSA2156 FAIRCHILD-FSA2156_11 Datasheet
699Kb / 11P
Low-Voltage SPST 0.4廓 Analog Switch
logo
Vishay Siliconix
DG2715 VISHAY-DG2715_V01 Datasheet
123Kb / 9P
Low-Voltage, 0.4 Ω RON, Single SPST Analog Switch
28-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com