Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3516 Datasheet (PDF) - Vishay Siliconix

DG3516 Datasheet PDF - Vishay Siliconix
Part # DG3516
Download  DG3516 Download
File Size   180.8 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300 MHz, 2.5 Ω, Dual SPDT Analog Switches

DG3516 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3516 Datasheet PDF - Vishay Siliconix

Part # DG3516
Download  DG3516 Click to download

File Size   180.8 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300 MHz, 2.5 Ω, Dual SPDT Analog Switches

DG3516 Datasheet (HTML) - Vishay Siliconix


DG3516 Product details

FEATURES
• Halogen-free according to IEC 61249-2-21
Definition
• 1.8 V to 5.5 V operation
• 2.5 Ω at 2.7 V RON
• 300 MHz - 3 dB bandwidth
• ESD method 3015.7 > 2 kV
• Latch-up current 200 mA (JESD 78)
• 1.6 V logic compatible
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Space Saving MICRO FOOT® Package
• High Linearity
• Low Power Consumption
• High Bandwidth
• Full Rail Signal Swing Range

APPLICATIONS
• Cellular Phones
• MP3
• Media Players
• Modems
• Hard Drives
• PCMCIA

DESCRIPTION
The DG3516, DG3517 are dual SPDT analog switches which
operate from 1.8 V to 5.5 V single rail power supply. They are
design for audio, video, and USB switching applications.
The devices have 2.5 Ω on-resistance and 300 MHz 3dB
bandwidth. 0.2 Ω on-resistance matching and 1 Ω flatness
make the device high linearity. The devices are 1.6 V logic
compatible within the full operation voltage range.
These switches are built on a sub-micron high density
process that brings low power consumption and low voltage
performance.
The switches are packaged in MICRO FOOT chip scale
package of 4 mm x 3 mm bump array.
As a committed partner to the community and environment,
Vishay Siliconix manufactures this product with the
lead (Pb)-free device terminations. For MICRO FOOT analog
switch products manufactured with tin/silver/copper
(SnAgCu) device termination, the lead (Pb)-free “-E1” suffix
is being used as a designator.




Similar Part No. - DG3516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG3516 VISHAY-DG3516 Datasheet
131Kb / 10P
300 MHz, 2.5ohm, Dual SPDT Analog Switches
13-Jun-11
DG3516DB VISHAY-DG3516DB Datasheet
19Kb / 1P
Device Orientation Options for Analog ICs
05-Apr-05
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
131Kb / 10P
300 MHz, 2.5ohm, Dual SPDT Analog Switches
13-Jun-11
More results


Similar Description - DG3516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2515 VISHAY-DG2515 Datasheet
164Kb / 8P
3-Ω, 235-MHz Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2517 VISHAY-DG2517_08 Datasheet
157Kb / 8P
3-Ω, High Bandwidth, Dual SPDT Analog Switch
27-Oct-08
DG2531 VISHAY-DG2531_08 Datasheet
108Kb / 8P
0.4-Ω Low-Voltage Dual SPDT Analog Switch
14-May-07
DG2731 VISHAY-DG2731 Datasheet
153Kb / 9P
Low Voltage, 0.4 Ω, Dual SPDT Analog Switch
12-Sep-05
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG3537 VISHAY-DG3537 Datasheet
129Kb / 10P
4-Ω, 360-MHz, Dual SPST Analog Switches
30-Apr-07
DG787 VISHAY-DG787 Datasheet
149Kb / 10P
300-MHz, 2.5-ohm, Dual SPDT Analog Switches
28-Sep-09
DG3516 VISHAY-DG3516_11 Datasheet
131Kb / 10P
300 MHz, 2.5ohm, Dual SPDT Analog Switches
13-Jun-11
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
28-Sep-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com