Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG3516 Datasheet (PDF) - Vishay Siliconix

DG3516 Datasheet PDF - Vishay Siliconix
Part # DG3516
Download  DG3516 Download
File Size   131.34 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300 MHz, 2.5ohm, Dual SPDT Analog Switches

DG3516 Datasheet (PDF)

Go To PDF Page Download Datasheet
DG3516 Datasheet PDF - Vishay Siliconix

Part # DG3516
Download  DG3516 Click to download

File Size   131.34 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 300 MHz, 2.5ohm, Dual SPDT Analog Switches

DG3516 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - DG3516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG3516 VISHAY-DG3516 Datasheet
180Kb / 11P
300 MHz, 2.5 Ω, Dual SPDT Analog Switches
13-Jun-11
DG3516DB VISHAY-DG3516DB Datasheet
19Kb / 1P
Device Orientation Options for Analog ICs
05-Apr-05
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
DG3516DB-T5-E1 VISHAY-DG3516DB-T5-E1 Datasheet
180Kb / 11P
300 MHz, 2.5 Ω, Dual SPDT Analog Switches
13-Jun-11
More results


Similar Description - DG3516

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
logo
Vishay Siliconix
DG3516 VISHAY-DG3516 Datasheet
127Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
30-Apr-07
logo
Intersil Corporation
ISL54503 INTERSIL-ISL54503 Datasheet
356Kb / 13P
1.8V to 5.5V, 2.5OHM, Single SPDT Analog Switch
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
October 23, 2009
logo
Vishay Siliconix
DG787 VISHAY-DG787 Datasheet
149Kb / 10P
300-MHz, 2.5-ohm, Dual SPDT Analog Switches
28-Sep-09
DG2535E VISHAY-DG2535E Datasheet
167Kb / 10P
0.3 Ω, Low Voltage Dual SPDT Analog Switches
30-Jan-17
logo
Monolithic Power System...
MP2735 MPS-MP2735 Datasheet
469Kb / 10P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
EV2735DQG-00A MPS-EV2735DQG-00A Datasheet
173Kb / 4P
Low-Voltage 0.45ohm Dual SPDT Analog Switches
logo
Vishay Siliconix
DG3516 VISHAY-DG3516_V01 Datasheet
180Kb / 11P
300 MHz, 2.5 Ω, Dual SPDT Analog Switches
13-Jun-11
DG787 VISHAY-DG787_V01 Datasheet
149Kb / 10P
300-MHz, 2.5-Ω, Dual SPDT Analog Switches
28-Sep-09
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com