Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-47 Datasheet (PDF) - Microchip Technology

PL133-47 Datasheet PDF - Microchip Technology
Part # PL133-47
Download  PL133-47 Download
File Size   2204.3 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power DC to 150 MHz 1:4 Fanout Buffer IC

PL133-47 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL133-47 Datasheet PDF - Microchip Technology

Part # PL133-47
Download  PL133-47 Click to download

File Size   2204.3 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power DC to 150 MHz 1:4 Fanout Buffer IC

PL133-47 Datasheet (HTML) - Microchip Technology


PL133-47 Product details

General Description
The PL133-47 is an advanced fanout buffer design for
high performance, low-power, small form factor
applications. The PL133-47 accepts a reference clock
input from DC to 150 MHz and provides four outputs of
the same frequency.
The PL133-47 is offered in a SOIC-8L package and it
offers the best phase noise, additive jitter performance,
and lowest power consumption of any comparable IC.

Features
• 1:4 LVCMOS Output Fanout Buffer from DC
to150 MHz
• Low Additive Phase Jitter of 60 fs RMS
• 8 mA Output Drive Strength
• Low Power Consumption for Portable
Applications
• Automotive Applications Grade Compliant
• Low Input-Output Delay
• Output-Output Skew <250 ps
• 2.5V to 3.3V, ±10% Operation
• 1.8V +10%/–5% Operation up to 67 MHz
• Operating Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: –40°C to +85°C
• Available in 8-Pin SOIC Package




Similar Part No. - PL133-47

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL133-47 MICREL-PL133-47 Datasheet
325Kb / 7P
Low-Power 2.25V to 3.63V DC to 150MHz 1:4 Fanout Buffer IC
Rev 1/27/11
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 17P
Low-Power DC to 160 MHz 1:4 Fanout Buffer IC
January 2026
logo
Micrel Semiconductor
PL133-47SC MICREL-PL133-47SC Datasheet
325Kb / 7P
Low-Power 2.25V to 3.63V DC to 150MHz 1:4 Fanout Buffer IC
Rev 1/27/11
logo
Microchip Technology
PL133-47SC MICROCHIP-PL133-47SC Datasheet
2Mb / 17P
Low-Power DC to 160 MHz 1:4 Fanout Buffer IC
January 2026
logo
Micrel Semiconductor
PL133-47SC-R MICREL-PL133-47SC-R Datasheet
325Kb / 7P
Low-Power 2.25V to 3.63V DC to 150MHz 1:4 Fanout Buffer IC
Rev 1/27/11
More results


Similar Description - PL133-47

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523 ICST-ICS8523 Datasheet
136Kb / 13P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B JULY 31, 2001
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
REV. C MAY 21, 2001
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Microchip Technology
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com