Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-67 Datasheet (PDF) - Microchip Technology

PL133-67 Datasheet PDF - Microchip Technology
Part # PL133-67
Download  PL133-67 Download
File Size   2237.24 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power DC to 150 MHz 1:6 Fanout Buffer IC

PL133-67 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL133-67 Datasheet PDF - Microchip Technology

Part # PL133-67
Download  PL133-67 Click to download

File Size   2237.24 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power DC to 150 MHz 1:6 Fanout Buffer IC

PL133-67 Datasheet (HTML) - Microchip Technology


PL133-67 Product details

General Description
The PL133-67 is an advanced fanout buffer design for
high performance, low-power, small form factor
applications. The PL133-67 accepts a reference clock
input from DC to 150 MHz and provides six outputs of
the same frequency.
The PL133-67 is offered in a TSSOP-16L package and
it offers the best phase noise, additive jitter
performance, and lowest power consumption of any
comparable IC.
The PL133-67 outputs can be disabled to a high
impedance (tri-state) by pulling low the OE pin. When
the OE pin is high, the outputs are enabled and follow
the REF input signal. When the OE pin is left open, a
pull-up resistor on the chip will default the OE pin to
logic 1 so the outputs are enabled.

Features
• 1:6 LVCMOS Output Fanout Buffer from DC
to150 MHz
• Low Additive Phase Jitter of 60 fs RMS
• 8 mA Output Drive Strength
• Low Power Consumption for Portable
Applications
• Low Input-Output Delay
• Output-Output Skew <250 ps
• 2.5V to 3.3V, ±10% Operation
• 1.8V +10%/–5% Operation up to 67 MHz
• Operating Temperature Range:
- Commercial: 0°C to +70°C
- Industrial: –40°C to +85°C
• Available in 16-Pin TSSOP Package




Similar Part No. - PL133-67

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL133-67 MICREL-PL133-67 Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
logo
Microchip Technology
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 19P
Low-Power DC to 160 MHz 1:6 Fanout Buffer IC
January 2026
logo
Micrel Semiconductor
PL133-67OC MICREL-PL133-67OC Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
PL133-67OC-R MICREL-PL133-67OC-R Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
PL133-67OI MICREL-PL133-67OI Datasheet
340Kb / 6P
Low-Power 2.25V to 3.63V DC to 150MHz 1:6 Fanout Buffer IC
Rev 03/18/11
More results


Similar Description - PL133-67

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89856U MICREL-SY89856U_10 Datasheet
333Kb / 11P
2GHz, Low-Power, 1:6 LVPECL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8546-01 IDT-ICS8546-01 Datasheet
1,019Kb / 19P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
83905-01 RENESAS-83905-01 Datasheet
606Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
ICS8546-01 RENESAS-ICS8546-01 Datasheet
1Mb / 20P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
FEBRUARY 25, 2011
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com