Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8546-01 Datasheet (PDF) - Renesas Technology Corp

ICS8546-01 Datasheet PDF - Renesas Technology Corp
Part # ICS8546-01
Download  ICS8546-01 Download
File Size   1221.24 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer

ICS8546-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8546-01 Datasheet PDF - Renesas Technology Corp

Part # ICS8546-01
Download  ICS8546-01 Click to download

File Size   1221.24 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer

ICS8546-01 Datasheet (HTML) - Renesas Technology Corp


ICS8546-01 Product details

General Description
The ICS8546-01 is a low skew, high performance 1-to-6 Crystal
Oscillator-to-LVDS Fanout Buffer. The ICS8546-01 has selectable
crystal, single ended or differential clock inputs. The single-ended
clock input accepts LVCMOS or LVTTL input levels and translate
them to LVDS levels. The CLK1, nCLK1 pair can accept most
standard differential input levels. The output enable is internally
synchronized to eliminate runt pulses on the outputs during
asynchronous assertion/ deassertion of the clock enable pin.
Guaranteed output and part-to-part skew characteristics make the
ICS8546-01 ideal for those applications demanding well defined
performance and repeatability.
Features
• Six 3.3V or 2.5V LVDS outputs
• Selectable crystal oscillator, differential CLK1, nCLK1 pair
or LVCMOS/LVTTL clock input
• CLK1, nCLK1 pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, HCSL
• Maximum output frequency: 266MHz
• Crystal frequency range: 14MHz - 40MHz
• Output skew: 55ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Propagation delay: 2.45ns (maximum)
• Full 3.3V or 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS8546-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8546-01 IDT-ICS8546-01 Datasheet
1,019Kb / 19P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
More results


Similar Description - ICS8546-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
REV. C MAY 21, 2001
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
ICS854S006AGILF IDT-ICS854S006AGILF Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
854S006 IDT-854S006 Datasheet
691Kb / 17P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
ICS8546-01 IDT-ICS8546-01 Datasheet
1,019Kb / 19P
Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
83905-01 RENESAS-83905-01 Datasheet
606Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer
05/01/15
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com