Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8546-01 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS8546-01
Description  Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8546-01 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS8546-01 Datasheet HTML 6Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 7Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 8Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 9Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ICS8546-01 Data Sheet
LOW SKEW, 1-TO 6, CRYSTAL-TO-LVDS FANOUT BUFFER
ICS8546AG-01 REVISION A FEBRUARY 25, 2011
10
©2011 Integrated Device Technology, Inc.
Parameter Measurement Information, continued
Propagation Delay (LVCMOS Input)
Output Rise/Fall Time
Differential Output Voltage Setup
Output Duty Cycle/Pulse Width/Period
Offset Voltage Setup
MUX Isolation
t
PD
V
DD
2
nQ[0:5]
Q[0:5]
CLK0
20%
80%
80%
20%
tR
t F
VOD
nQ[0:5]
Q[0:5]
➤
100
out
out
LVDS
DC Input
VOD/∆ VOD
V
DD
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQ[0:5]
Q[0:5]
out
out
LVDS
DC Input
➤
VOS/∆ VOS
V
DD
A0
Spectrum of Output Signal Q
MUX_ISOL = A0 – A1
(fundamental)
Frequency
ƒ
MUX selects static input
MUX selects active
input clock signal
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com