Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8546-01 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS8546-01
Description  Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8546-01 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS8546-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 17Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ICS8546-01 Data Sheet
LOW SKEW, 1-TO 6, CRYSTAL-TO-LVDS FANOUT BUFFER
ICS8546AG-01 REVISION A FEBRUARY 25, 2011
14
©2011 Integrated Device Technology, Inc.
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, HCSL and other
differential signals. Both differential signals must meet the VPP and
VCMR input requirements. Figures 5A to 5E show interface examples
for the CLK/nCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. Please consult
with the vendor of the driver component to confirm the driver
termination requirements. For example, in Figure 5A, the input
termination applies for IDT open emitter LVHSTL drivers. If you are
using an LVHSTL driver from another vendor, use their termination
recommendation.
Figure 5A. CLK/nCLK Input Driven by an
IDT Open Emitter LVHSTL Driver
Figure 5C. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 5E.
CLK/nCLK Input Driven by a
3.3V HCSL Driver
Figure 5B. CLK/nCLK Input Driven by a
3.3V LVPECL Driver
Figure 5D. CLK/nCLK Input Driven by a
3.3V LVDS Driver
R1
50
Ω
R2
50
Ω
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
LVHSTL Driver
Differential
Input
R3
125
Ω
R4
125
Ω
R1
84
Ω
R2
84
Ω
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
Differential
Input
HCSL
*R3
33
Ω
*R4
33
Ω
CLK
nCLK
3.3V
3.3V
Zo = 50
Ω
Zo = 50
Ω
Differential
Input
R1
50
Ω
R2
50
Ω
*Optional – R3 and R4 can be 0
Ω
CLK
nCLK
Differential
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
Ω
R2
50
Ω
R2
50
Ω
3.3V
R1
100
Ω
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com