Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8546-01 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS8546-01
Description  Low Skew, 1-to-6, Crystal-to-LVDS Fanout Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS8546-01 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS8546-01 Datasheet HTML 9Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 10Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 11Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 12Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 13Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 14Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 15Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 16Page - Renesas Technology Corp ICS8546-01 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ICS8546-01 Data Sheet
LOW SKEW, 1-TO 6, CRYSTAL-TO-LVDS FANOUT BUFFER
ICS8546AG-01 REVISION A FEBRUARY 25, 2011
13
©2011 Integrated Device Technology, Inc.
Crystal Input Interface
The ICS8546-01 has been characterized with 18pF parallel resonant
crystals. The capacitor values shown in Figure 3 below were
determined using an 18pF parallel resonant crystal and were chosen
to minimize the ppm error.
Figure 3. Crystal Input Interface
Overdriving the XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 4A. The XTAL_OUT pin can be left floating. The
maximum amplitude of the input signal should not exceed 2V and the
input edge rate can be as slow as 10ns. This configuration requires
that the output impedance of the driver (Ro) plus the series
resistance (Rs) equals the transmission line impedance. In addition,
matched termination at the crystal input will attenuate the signal in
half. This can be done in one of two ways. First, R1 and R2 in parallel
should equal the transmission line impedance. For most 50
Ω
applications, R1 and R2 can be 100
Ω. This can also be
accomplished by removing R1 and making R2 50
Ω. By overdriving
the crystal oscillator, the device will be functional, but note, the device
performance is guaranteed by using a quartz crystal.
Figure 4A. General Diagram for LVCMOS Driver to XTAL Input Interface
Figure 4B. General Diagram for LVPECL Driver to XTAL Input Interface
XTAL_IN
XTAL_OUT
X1
18pF Parallel Crystal
C1
18p
C2
22p
R2
100
R1
100
RS
43
Ro ~ 7 Ohm
Driv er_LVCMOS
Zo = 50 Ohm
C1
0.1uF
3.3V
3.3V
Cry stal Input Interf ace
XTAL_IN
XTAL_OUT
Cry stal Input Interf ace
XTAL_IN
XTAL_OUT
R3
50
C1
0.1uF
R2
50
R1
50
Zo = 50 Ohm
LVPECL
Zo = 50 Ohm
VCC=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com