Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T40HFL Datasheet (PDF) - Vishay Siliconix

T40HFL Datasheet PDF - Vishay Siliconix
Part # T40HFL
Download  T40HFL Download
File Size   427.99 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A

T40HFL Datasheet (PDF)

Go To PDF Page Download Datasheet
T40HFL Datasheet PDF - Vishay Siliconix

Part # T40HFL
Download  T40HFL Click to download

File Size   427.99 Kbytes
Page   16 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A

T40HFL Datasheet (HTML) - Vishay Siliconix


T40HFL Product details

FEATURES
• Fast recovery time characteristics
• Electrically isolated base plate
• 3500 VRMS isolating voltage
• Standard JEDEC package
• Simplified mechanical designs, rapid assembly
• Large creepage distances
• UL E78996 approved
• Compliant to RoHS directive 2002/95/EC
• Designed and qualified for industrial level

DESCRIPTION
The series of T-modules uses fast recovery power diodes in
a single diode configuration. The semiconductors are
electrically isolated from the metal base, allowing common
heatsink and compact assemblies to be built.
These single diode modules can be used in conjunction with
the thyristor modules as a freewheel diode. Application
includes self-commutated inverters, DC choppers, motor
control, inductive heating and electronic welders. These
modules are intended for those applications where very fast
recovery characteristics are required and for general power
switching applications.




Similar Part No. - T40HFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
Fast Recovery Diodes, 40/70/85 A (T-Modules)
13-Feb-08
T40HFL VISHAY-T40HFL Datasheet
426Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
19-May-10
T40HFL VISHAY-T40HFL Datasheet
423Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
19-May-10
logo
International Rectifier
T40HFL100S02 IRF-T40HFL100S02 Datasheet
219Kb / 13P
FAST RECOVERY DIODES
logo
Vishay Siliconix
T40HFL100S02 VISHAY-T40HFL100S02 Datasheet
409Kb / 15P
Fast Recovery Diodes, 40/70/85 A (T-Modules)
13-Feb-08
More results


Similar Description - T40HFL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40HFL VISHAY-40HFL Datasheet
1Mb / 12P
Fast Recovery Diodes (Stud Version), 40/70/85 A
16-May-08
T40HF VISHAY-T40HF Datasheet
303Kb / 11P
Power Rectifier Diodes (T-Modules), 40 A/70 A/85 A/110 A
12-Jun-08
T40HFL VISHAY-T40HFL Datasheet
409Kb / 15P
Fast Recovery Diodes, 40/70/85 A (T-Modules)
13-Feb-08
T40HFL VISHAY-T40HFL_10 Datasheet
426Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
19-May-10
40HFL VISHAY-40HFL_12 Datasheet
1Mb / 14P
Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
25-May-09
VS-40HFL60S02 VISHAY-VS-40HFL60S02 Datasheet
1Mb / 14P
Fast Recovery Diodes (Stud Version), 40 A/70 A/85 A
25-May-09
VS-T70HFL60S02 VISHAY-VS-T70HFL60S02 Datasheet
423Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
19-May-10
VS-40HFL VISHAY-VS-40HFL Datasheet
220Kb / 14P
Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
02-Mar-17
VS-40HFL VISHAY-VS-40HFL_V01 Datasheet
206Kb / 14P
Fast Recovery Diodes (Stud Version), 40 A, 70 A, 85 A
Revision: 11-Jan-18
VS-T40HFL VISHAY-VS-T40HFL_V01 Datasheet
367Kb / 16P
Fast Recovery Diodes (T-Modules), 40 A, 70 A, 85 A
24-Sep-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com