Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T40HFL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # T40HFL
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL Datasheet(HTML) 4 Page - Vishay Siliconix

  T40HFL Datasheet HTML 1Page - Vishay Siliconix T40HFL Datasheet HTML 2Page - Vishay Siliconix T40HFL Datasheet HTML 3Page - Vishay Siliconix T40HFL Datasheet HTML 4Page - Vishay Siliconix T40HFL Datasheet HTML 5Page - Vishay Siliconix T40HFL Datasheet HTML 6Page - Vishay Siliconix T40HFL Datasheet HTML 7Page - Vishay Siliconix T40HFL Datasheet HTML 8Page - Vishay Siliconix T40HFL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93184
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-May-10
T40HFL, T70HFL, T85HFL Series
Vishay Semiconductors
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Current Ratings Characteristics
Fig. 6 - Current Ratings Characteristics
50
60
70
80
90
100
110
120
130
0
1020
304050
30°
60°
90°
120°
180°
Conduc tion Angle
Average Forward Current (A)
T40HFL.. Series
R
(DC) = 0.85 K/ W
thJC
50
60
70
80
90
100
110
120
130
0
1020
3040
50
60
70
DC
30°
60°
90°
120°
180°
Conduc tion Period
Average Forwa rd Current (A)
T40HFL.. Series
R
(DC) = 0.85 K/ W
thJC
50
60
70
80
90
100
110
120
130
0
10
2030405060
7080
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
T70HFL.. Series
R
(DC) = 0.53 K/ W
thJC
50
60
70
80
90
100
110
120
130
0
2040
6080
100
120
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
T70HFL.. Series
R
(DC) = 0.53 K/ W
thJC
50
60
70
80
90
100
110
120
130
0
10
2030405060708090
30°
60°
90°
120°
180°
Conduc tion Angle
Average Forward Current (A)
T85HFL.. Series
R
(DC) = 0.46 K/ W
thJC
50
60
70
80
90
100
110
120
130
020
40
60
80
100
120
140
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forwa rd Current (A)
T85HFL.. Series
R
(DC) = 0.46 K/ W
thJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com