Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T40HFL Datasheet(PDF) 13 Page - Vishay Siliconix

Part # T40HFL
Description  Fast Recovery Diodes (T-Modules), 40 A/70 A/85 A
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T40HFL Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button T40HFL Datasheet HTML 8Page - Vishay Siliconix T40HFL Datasheet HTML 9Page - Vishay Siliconix T40HFL Datasheet HTML 10Page - Vishay Siliconix T40HFL Datasheet HTML 11Page - Vishay Siliconix T40HFL Datasheet HTML 12Page - Vishay Siliconix T40HFL Datasheet HTML 13Page - Vishay Siliconix T40HFL Datasheet HTML 14Page - Vishay Siliconix T40HFL Datasheet HTML 15Page - Vishay Siliconix T40HFL Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Document Number: 93184
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 19-May-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
13
T40HFL, T70HFL, T85HFL Series
Fast Recovery Diodes
(T-Modules), 40 A/70 A/85 A
Vishay Semiconductors
Fig. 46 - Forward Voltage Drop Characteristics
Fig. 47 - Forward Voltage Drop Characteristics
Fig. 48 - Forward Voltage Drop Characteristics
Fig. 49 - Thermal Impedance ZthJC Characteristics
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 125°C
J
T40HFL.. Series
1
10
100
1000
10000
0123
4567
T = 25°C
J
Instantaneous Forward Voltage (V)
T70HFL.. Series
T = 125°C
J
10
100
1000
10000
01234567
T = 25°C
J
Instantaneous Forward Voltage (V)
T = 125°C
J
T85HFL.. Series
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Sq uare Wa ve Pulse Dura tion (s)
Steady State Value:
R
= 0.85 K/ W
R
= 0.53 K/ W
R
= 0.46 K/ W
(DC Opera tion)
T40HFL.. Series
T70HFL.. Series
T85HFL.. Series
thJC
thJC
thJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com