Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS2D5N06CLTWG Datasheet (PDF) - ON Semiconductor

NVMJS2D5N06CLTWG Datasheet PDF - ON Semiconductor
Part # NVMJS2D5N06CLTWG
Download  NVMJS2D5N06CLTWG Download
File Size   370.25 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 2.4 m, 164 A

NVMJS2D5N06CLTWG Datasheet (PDF)

Go To PDF Page Download Datasheet
NVMJS2D5N06CLTWG Datasheet PDF - ON Semiconductor

Part # NVMJS2D5N06CLTWG
Download  NVMJS2D5N06CLTWG Click to download

File Size   370.25 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MOSFET ??Power, Single N-Channel 60 V, 2.4 m, 164 A

NVMJS2D5N06CLTWG Datasheet (HTML) - ON Semiconductor


NVMJS2D5N06CLTWG Product details

Features
• Small Footprint (5x6 mm) for Compact Design
• Low RDS(on) to Minimize Conduction Losses
• Low QG and Capacitance to Minimize Driver Losses
• LFPAK8 Package, Industry Standard
• AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - NVMJS2D5N06CLTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS0D8N04CL ONSEMI-NVMJS0D8N04CL Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D8N04CLTWG ONSEMI-NVMJS0D8N04CLTWG Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D9N04C ONSEMI-NVMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 1
NVMJS0D9N04CL ONSEMI-NVMJS0D9N04CL Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
NVMJS0D9N04CLTWG ONSEMI-NVMJS0D9N04CLTWG Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
More results


Similar Description - NVMJS2D5N06CLTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMJS2D5N06CL ONSEMI-NTMJS2D5N06CL Datasheet
352Kb / 7P
Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel
March, 2019?뭃ev. 0
NTTFS002N04C ONSEMI-NTTFS002N04C Datasheet
280Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.4 m, 136 A
June, 2019 ??Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NVTFS002N04C ONSEMI-NVTFS002N04C Datasheet
280Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 2.4 m, 136 A
July, 2019 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com