Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3050EBRIZ Datasheet (PDF) - Analog Devices

ADM3050EBRIZ Datasheet PDF - Analog Devices
Part # ADM3050EBRIZ
Download  ADM3050EBRIZ Download
File Size   417.15 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver

ADM3050EBRIZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3050EBRIZ Datasheet PDF - Analog Devices

Part # ADM3050EBRIZ
Download  ADM3050EBRIZ Click to download

File Size   417.15 Kbytes
Page   19 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver

ADM3050EBRIZ Datasheet (HTML) - Analog Devices


ADM3050EBRIZ Product details

GENERAL DESCRIPTION
The ADM3050E is a 5.7 kV rms isolated controller area network (CAN) physical layer transceiver with a high performance, basic feature set. The ADM3050E fully meets the CAN flexible data rate (CAN FD) ISO 11898-2:2016 requirements and is further capable of supporting data rates as high as 12 Mbps.
The device employs Analog Devices, Inc., iCoupler® technology to combine a 2-channel isolator and a CAN transceiver into a single small outline integrated circuit (SOIC) surface-mount package. The ADM3050E is a fully isolated solution for CAN and CAN FD applications. The ADM3050E provides isolation between the CAN controller and physical layer bus. Safety and regulatory approvals (pending) for a 5.7 kV rms withstand voltage, an 849 VPEAK working voltage, and a 12.8 kV surge test, ensure that the ADM3050E meets application isolation requirements.
Low loop propagation delays and the extended common-mode range of ±25 V support robust communication on longer bus cables. Dominant timeout functionality protects against bus lock up in a fault condition, and current limiting and thermal shutdown features protect against output short circuits. The CAN bus input and output pins are protected to ±40 V against accidental connection to a +24 V bus supply. The device is fully specified over the −40°C to +125°C industrial temperature range.

FEATURES
5.7 kV rms signal isolated CAN FD transceiver
1.7 V to 5.5 V supply and logic side levels
4.5 V to 5.5 V supply on bus side
ISO 11898-2:2016-compliant CAN FD
Data rates up to 12 Mbps for CAN FD
Low maximum loop propagation delay: 150 ns
Extended common-mode range: ±25 V
Bus fault protection (CANH, CANL): ±40 V
Passes EN 55022, Class B by 6 dB
Safety and regulatory approvals
VDE certificate of conformity, VDE V 0884-10 (pending)
UL: 5700 V rms for 1-minute duration per UL 1577 (pending)
CSA component acceptance 5A at 5.7 kV rms
IEC 60950, IEC 61010 (pending)
High common-mode transient immunity: >75 kV/μs
Industrial operating temperature range: −40°C to +125°C

APPLICATIONS
CANOpen, DeviceNet, and other CAN bus implementations
Industrial automation
Process control and building control
Transport and infrastructure




Similar Part No. - ADM3050EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
ADM3050EBRWZ-RL AD-ADM3050EBRWZ-RL Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
More results


Similar Description - ADM3050EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
Signal Isolated CAN FD Transceiver
12/2018-Revision 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
5/2020-Revision 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com