Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3050EBRIZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 4 Page - Analog Devices

  ADM3050EBRIZ Datasheet HTML 1Page - Analog Devices ADM3050EBRIZ Datasheet HTML 2Page - Analog Devices ADM3050EBRIZ Datasheet HTML 3Page - Analog Devices ADM3050EBRIZ Datasheet HTML 4Page - Analog Devices ADM3050EBRIZ Datasheet HTML 5Page - Analog Devices ADM3050EBRIZ Datasheet HTML 6Page - Analog Devices ADM3050EBRIZ Datasheet HTML 7Page - Analog Devices ADM3050EBRIZ Datasheet HTML 8Page - Analog Devices ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADM3050E
Data Sheet
Rev. B | Page 4 of 19
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
Unpowered Input Leakage Current
|IIN (OFF)|
10
µA
VCANH, VCANL = 5 V, VDD2 = 0 V
Input Resistance
CANH, CANL
RINH, RINL
6
25
kΩ
Differential
RDIFF
20
100
kΩ
Input Resistance Matching
mR
−0.03
+0.03
mR = 2 × (RINH − RINL)/(RINH + RINL)
CANH, CANL Input Capacitance
CINH, CINL
35
pF
Differential Input Capacitance
CDIFF
12
pF
Logic Output (RXD)
Output Voltage
Low
VOL
0.2
0.4
V
Output impedance (IOUT) = 2 mA
High
VOH
VDD1 − 0.2
V
IOUT = −2 mA
Short-Circuit Current
IOS
7
85
mA
Output voltage (VOUT) = GND1 or VDD1
COMMON-MODE TRANSIENT IMMUNITY1
Common-mode voltage (VCM) ≥ 1 kV,
transient magnitude ≥ 800 V
Input High, Recessive
|CMH|
75
100
kV/µs
Input voltage (VIN) = VDD1 (TXD) or
CANH/CANL recessive
Input Low, Dominant
|CML|
75
100
kV/µs
VIN = 0 V (TXD) or CANH/CANL dominant
1
|CMH| is the maximum common-mode voltage slew rate that can be sustained while maintaining CANH/CANL recessive or RXD ≥ VDD1 − 0.2 V. |CML| is the maximum
common-mode voltage slew rate that can be sustained while maintaining CANH/CANL dominant or RXD ≤ 0.4 V. The common-mode voltage slew rates apply to both
rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com