Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3050EBRIZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices ADM3050EBRIZ Datasheet HTML 10Page - Analog Devices ADM3050EBRIZ Datasheet HTML 11Page - Analog Devices ADM3050EBRIZ Datasheet HTML 12Page - Analog Devices ADM3050EBRIZ Datasheet HTML 13Page - Analog Devices ADM3050EBRIZ Datasheet HTML 14Page - Analog Devices ADM3050EBRIZ Datasheet HTML 15Page - Analog Devices ADM3050EBRIZ Datasheet HTML 16Page - Analog Devices ADM3050EBRIZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
ADM3050E
Rev. B | Page 13 of 19
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
100
105
110
115
120
125
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 14. tLOOP_FALL vs. Temperature
2.14
2.16
2.18
2.20
2.22
2.24
2.26
2.28
2.30
2.32
2.34
–55
–5
45
95
TEMPERATURE (°C)
Figure 15. Differential Output Voltage vs. Temperature, RL = 60 Ω
1.5
1.7
1.9
2.1
2.3
2.5
2.7
4.5
4.7
4.9
5.1
5.3
5.5
SUPPLY VOLTAGE, VDD2 (V)
Figure 16. Differential Output Voltage vs. Supply Voltage (VDD2), RL = 60 Ω
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 17. Supply Current (IDD1) vs. Temperature
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
32.5
33.0
33.5
34.0
34.5
35.0
35.5
36.0
Figure 18. Supply Current (IDD2) vs. Temperature
2100
2200
2300
2400
2500
2600
2700
2800
2900
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 19. Dominant Timeout (tDT) vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com