Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3050EBRIZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3050EBRIZ Datasheet HTML 8Page - Analog Devices ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices ADM3050EBRIZ Datasheet HTML 10Page - Analog Devices ADM3050EBRIZ Datasheet HTML 11Page - Analog Devices ADM3050EBRIZ Datasheet HTML 12Page - Analog Devices ADM3050EBRIZ Datasheet HTML 13Page - Analog Devices ADM3050EBRIZ Datasheet HTML 14Page - Analog Devices ADM3050EBRIZ Datasheet HTML 15Page - Analog Devices ADM3050EBRIZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADM3050E
Data Sheet
Rev. B | Page 12 of 19
TYPICAL PERFORMANCE CHARACTERISTICS
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
3.5
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
DATA RATE (Mbps)
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 8. Supply Current (IDD1) vs. Data Rate
25
30
35
40
45
50
55
60
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15
DATA RATE (Mbps)
VDD2 = 4.5V
VDD2 = 5V
VDD2 = 5.5V
Figure 9. Supply Current (IDD2) vs. Data Rate
80
90
100
110
120
130
140
150
160
170
180
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 10. Receiver Input Hysteresis vs. Temperature
27
29
31
33
35
37
39
41
43
45
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
VDD1 = 5.0V
VDD1 = 3.3V
VDD1 = 2.5V
VDD1 = 1.8V
Figure 11. tTXD_DOM vs. Temperature
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
39
41
43
45
47
49
51
53
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 12. tTXD_REC vs. Temperature
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
100
105
110
115
120
125
130
135
VDD1 = 1.8V
VDD1 = 2.5V
VDD1 = 3.3V
VDD1 = 5.0V
Figure 13. tLOOP_RISE vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com