Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3050EBRIZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3050EBRIZ
Description  5.7 kV rms, Signal Isolated, Basic CAN FD Transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3050EBRIZ Datasheet(HTML) 1 Page - Analog Devices

  ADM3050EBRIZ Datasheet HTML 1Page - Analog Devices ADM3050EBRIZ Datasheet HTML 2Page - Analog Devices ADM3050EBRIZ Datasheet HTML 3Page - Analog Devices ADM3050EBRIZ Datasheet HTML 4Page - Analog Devices ADM3050EBRIZ Datasheet HTML 5Page - Analog Devices ADM3050EBRIZ Datasheet HTML 6Page - Analog Devices ADM3050EBRIZ Datasheet HTML 7Page - Analog Devices ADM3050EBRIZ Datasheet HTML 8Page - Analog Devices ADM3050EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
5.7 kV rms, Signal Isolated,
Basic CAN FD Transceiver
Data Sheet
ADM3050E
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
5.7 kV rms signal isolated CAN FD transceiver
1.7 V to 5.5 V supply and logic side levels
4.5 V to 5.5 V supply on bus side
ISO 11898-2:2016-compliant CAN FD
Data rates up to 12 Mbps for CAN FD
Low maximum loop propagation delay: 150 ns
Extended common-mode range: ±25 V
Bus fault protection (CANH, CANL): ±40 V
Passes EN 55022, Class B by 6 dB
Safety and regulatory approvals
VDE certificate of conformity, VDE V 0884-10 (pending)
UL: 5700 V rms for 1-minute duration per UL 1577 (pending)
CSA component acceptance 5A at 5.7 kV rms
IEC 60950, IEC 61010 (pending)
High common-mode transient immunity: >75 kV/µs
Industrial operating temperature range: −40°C to +125°C
APPLICATIONS
CANOpen, DeviceNet, and other CAN bus implementations
Industrial automation
Process control and building control
Transport and infrastructure
FUNCTIONAL BLOCK DIAGRAM
DOMINANT
TIMEOUT
CAN
TRANSCEIVER
CANH
CANL
RXD
TXD
GND2
GND1
ADM3050E
THERMAL
SHUTDOWN
DIGITAL ISOLATOR
VDD1
VDD2
Figure 1.
GENERAL DESCRIPTION
The ADM3050E is a 5.7 kV rms isolated controller area network
(CAN) physical layer transceiver with a high performance, basic
feature set. The ADM3050E fully meets the CAN flexible data
rate (CAN FD) ISO 11898-2:2016 requirements and is further
capable of supporting data rates as high as 12 Mbps.
The device employs Analog Devices, Inc., iCoupler® technology
to combine a 2-channel isolator and a CAN transceiver into a
single small outline integrated circuit (SOIC) surface-mount
package. The ADM3050E is a fully isolated solution for CAN and
CAN FD applications. The ADM3050E provides isolation
between the CAN controller and physical layer bus. Safety and
regulatory approvals (pending) for a 5.7 kV rms withstand voltage,
an 849 VPEAK working voltage, and a 12.8 kV surge test, ensure
that the ADM3050E meets application isolation requirements.
Low loop propagation delays and the extended common-mode
range of ±25 V support robust communication on longer bus
cables. Dominant timeout functionality protects against bus
lock up in a fault condition, and current limiting and thermal
shutdown features protect against output short circuits. The
CAN bus input and output pins are protected to ±40 V against
accidental connection to a +24 V bus supply. The device is fully
specified over the −40°C to +125°C industrial temperature
range.


Similar Part No. - ADM3050EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3050EBRWZ AD-ADM3050EBRWZ Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
ADM3050EBRWZ-RL AD-ADM3050EBRWZ-RL Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
More results

Similar Description - ADM3050EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3054 AD-ADM3054 Datasheet
360Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
REV. 0
ADM3050E AD-ADM3050E Datasheet
360Kb / 18P
Signal Isolated, Basic CAN FD Transceiver
12/2018-Rev. 0 to Rev. A
ADM3056E AD-ADM3056E Datasheet
529Kb / 21P
Signal Isolated CAN FD Transceiver
12/2018-Revision 0
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
5/2020-Revision 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
ADM3054 AD-ADM3054_V01 Datasheet
446Kb / 20P
5 kV rms Signal Isolated High Speed CAN Transceiver with Bus Protection
Rev. D
ADM3055E AD-ADM3055E_V01 Datasheet
505Kb / 24P
5 kV rms/3 kV rms, Signal and Power Isolated, CAN Transceivers for CAN FD
Rev. B
ADM3058E AD-ADM3058E Datasheet
272Kb / 18P
5.7 kV rms, Signal Isolated, High Working Voltage, CAN FD Transceiver with 짹15kV IEC ESD
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com