Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3052 Datasheet (PDF) - Analog Devices

ADM3052 Datasheet PDF - Analog Devices
Part # ADM3052
Download  ADM3052 Download
File Size   258.35 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator

ADM3052 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM3052 Datasheet PDF - Analog Devices

Part # ADM3052
Download  ADM3052 Click to download

File Size   258.35 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator

ADM3052 Datasheet (HTML) - Analog Devices


ADM3052 Product details

GENERAL DESCRIPTION
The ADM3052 is an isolated controller area network (CAN)
physical layer transceiver with a V+ integrated linear regulator. The ADM3052 complies with the ISO 11898 standard. The device employs Analog Devices, Inc., iCoupler® technology to combine a 3-channel isolator, a CAN transceiver, and a linear
regulator into a single package. The power is isolated between a single 3.3 V or 5 V supply on VDD1, the logic side, and a single
24 V supply provided on V+, the bus side.
The ADM3052 creates an isolated interface between the CAN protocol controller and the physical layer bus. It is capable of running at data rates up to 1 Mbps. The device has integrated miswire protection on the bus pins, V+, V−, CANH, and CANL. The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations where the
bus may be shorted to ground or power terminals. The device is fully specified over the industrial temperature range and is
available in a 16-lead, wide-body SOIC package.

FEATURES 5 kV rms isolated CAN transceiver Integrated V+ linear regulator Bus side powered by V+ and V−
11 V to 25 V operation on V+
5 V or 3.3 V operation on VDD1
Complies with ISO 11898 standard High speed data rates up to 1 Mbps Short-circuit protection on bus pins
Integrated bus miswire protection
Unpowered nodes do not disturb the bus 110 or more nodes on the bus
Thermal shutdown protection High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals UL recognition 5000 VRMS for 1 minute per UL 1577 VDE Certificates of Conformity DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak Industrial operating temperature range: −40°C to +85°C Wide body, 16-lead SOIC package

APPLICATIONS
CAN data buses
Industrial field networks DeviceNet applications




Similar Part No. - ADM3052

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3052 AD-ADM3052 Datasheet
346Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
REV. 0
ADM3052 AD-ADM3052 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADM3052BRWZ AD-ADM3052BRWZ Datasheet
346Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
REV. 0
ADM3052BRWZ-REEL7 AD-ADM3052BRWZ-REEL7 Datasheet
346Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
REV. 0
More results


Similar Description - ADM3052

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8423 ALLEGRO-A8423 Datasheet
368Kb / 8P
LIN Bus Transceiver with Integrated Voltage Regulator
February 9, 2004
logo
ATMEL Corporation
ATA6620 ATMEL-ATA6620_06 Datasheet
325Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
Melexis Microelectronic...
TH3122 MELEXIS-TH3122 Datasheet
251Kb / 14P
K-Bus Transceiver with integrated Voltage Regulator
logo
ATMEL Corporation
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623 Datasheet
392Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
LIN Bus Transceiver with Integrated Voltage Regulator
logo
Analog Devices
ADM3052 AD-ADM3052 Datasheet
346Kb / 20P
Isolated CAN Transceiver with Integrated High Voltage, Bus-Side, Linear Regulator
REV. 0
logo
ATMEL Corporation
ATA6623C ATMEL-ATA6623C_14 Datasheet
814Kb / 22P
LIN Bus Transceiver with Integrated Voltage Regulator
ATA6629 ATMEL-ATA6629_14 Datasheet
961Kb / 26P
LIN Bus Transceiver with Integrated Voltage Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com