Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet (PDF) - Analog Devices

EZLINX-IIIDE-EBZ Datasheet PDF - Analog Devices
Part # EZLINX-IIIDE-EBZ
Download  EZLINX-IIIDE-EBZ Download
File Size   523.49 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter

EZLINX-IIIDE-EBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EZLINX-IIIDE-EBZ Datasheet PDF - Analog Devices

Part # EZLINX-IIIDE-EBZ
Download  EZLINX-IIIDE-EBZ Click to download

File Size   523.49 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter

EZLINX-IIIDE-EBZ Datasheet (HTML) - Analog Devices


EZLINX-IIIDE-EBZ Product details

GENERAL DESCRIPTION
The ADM3053 is an isolated controller area network (CAN)
physical layer transceiver with an integrated isolated dc-to-dc converter. The ADM3053 complies with the ISO 11898 standard. The device employs Analog Devices, Inc., iCoupler® technology to combine a 2-channel isolator, a CAN transceiver, and Analog Devices isoPower® dc-to-dc converter into a single SOIC surface
mount package. An on-chip oscillator outputs a pair of square waveforms that drive an internal transformer to provide isolated power. The device is powered by a single 5 V supply realizing a
fully isolated CAN solution. The ADM3053 creates a fully isolated interface between the
CAN protocol controller and the physical layer bus. It is capable
of running at data rates of up to 1 Mbps. The device has current limiting and thermal shutdown features
to protect against output short circuits. The part is fully specified over the industrial temperature range and is available in a
20-lead, wide-body SOIC package. The ADM3053 contains isoPower technology that uses high frequency switching elements to transfer power through the
transformer. Special care must be taken during printed circuit
board (PCB) layout to meet emissions standards. Refer to the
AN-0971 Application Note, Recommendations for Control of Radiated Emissions with isoPower Devices, for details on board layout considerations.

FEATURES 2.5 kV rms signal and power isolated CAN transceiver isoPower integrated isolated dc-to-dc converter 5 V operation on VCC
5 V or 3.3 V operation on VIO
Complies with ISO 11898 standard High speed data rates of up to 1 Mbps
Unpowered nodes do not disturb the bus Connect 110 or more nodes on the bus Slope control for reduced EMI Thermal shutdown protection High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals UL recognition 2500 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice 5A VDE Certificate of Conformity DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01 VIORM = 560 V peak Industrial operating temperature range (−40°C to +85°C) Available in wide-body, 20-lead SOIC package

APPLICATIONS
CAN data buses
Industrial field networks




Similar Part No. - EZLINX-IIIDE-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EZLINX-IIIDE-EBZ AD-EZLINX-IIIDE-EBZ Datasheet
803Kb / 15P
ezLINX?줙ardware User Guide
Rev. PrA
More results


Similar Description - EZLINX-IIIDE-EBZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5324A ROHM-BP5324A Datasheet
412Kb / 3P
Isolated DC/DC Converter
logo
Analog Devices
ADUM5000 AD-ADUM5000_08 Datasheet
415Kb / 16P
Isolated DC-to-DC Converter
REV. 0
ADM3053 AD-ADM3053 Datasheet
395Kb / 20P
Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
REV. 0
ADM3053 AD-ADM3053_12 Datasheet
353Kb / 20P
Signal and Power Isolated CAN Transceiver
REV. A
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
Isolated DC-to-DC Converter
logo
MORNSUN Science& Techno...
TD301DCAN MORNSUN-TD301DCAN Datasheet
486Kb / 3P
INTEGRATED ISOLATED POWER CAN TRANSCEIVER MODULE
logo
Vicor Corporation
DCM3714XD2H31E0YZZ VICOR-DCM3714XD2H31E0YZZ Datasheet
1Mb / 23P
Isolated, regulated DC-to-DC converter
logo
Bel Fuse Inc.
0RCY-T0T12X BEL-0RCY-T0T12X Datasheet
1Mb / 17P
Isolated DC-DC Converter
logo
Texas Instruments
ISOW1044 TI-ISOW1044_V01 Datasheet
3Mb / 45P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
ISOW1044 TI-ISOW1044_V02 Datasheet
3Mb / 45P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com