Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 6Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 12Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 13Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADM3053
Data Sheet
Rev. E | Page 10 of 18
152
150
148
146
144
142
140
138
136
134
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V, RS = 0Ω
VCC = 5V, VIO = 3.3V, RS = 0Ω
Figure 11. Propagation Delay from TxD On to Receiver Active vs.
Temperature
600
500
400
300
200
100
0
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V, RS = 47kΩ
VCC = 5V, VIO = 3.3V, RS = 47kΩ
Figure 12. Propagation Delay from TxD On to Receiver Active vs.
Temperature
250
200
150
100
50
0
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V, RS = 0Ω
VCC = 5V, VIO = 3.3V, RS = 0Ω
Figure 13. Propagation Delay from TxD Off to Receiver Inactive vs.
Temperature
330
325
320
315
310
305
300
295
290
285
280
275
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V, RS = 47kΩ
VCC = 5V, VIO = 3.3V, RS = 47kΩ
Figure 14. Propagation Delay from TxD Off to Receiver Inactive vs.
Temperature
2.55
2.50
2.45
2.40
2.35
2.30
2.25
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V, RL = 60Ω
VCC = 5V, VIO = 3.3V, RL = 60Ω
VCC = 5V, VIO = 5V, RL = 45Ω
VCC = 5V, VIO = 3.3V, RL = 45Ω
Figure 15. Differential Output Voltage Dominant vs. Temperature
2.55
2.50
2.45
2.40
2.35
2.30
2.25
4.5
5.5
5.3
5.1
4.9
4.7
SUPPLY VOLTAGE, VCC (V)
VIO = 5V, TA = 25°C, RL = 60Ω
VIO = 5V, TA = 25°C, RL = 45Ω
Figure 16. Differential Output Voltage Dominant vs. Supply Voltage, VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com