Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 11 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 11 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 12Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 13Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 14Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Data Sheet
ADM3053
Rev. E | Page 11 of 18
2.80
2.75
2.70
2.65
2.60
2.55
2.50
2.45
2.40
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V, IREF = +50µA
VCC = 5V, VIO = 5V, IREF = –50µA
VCC = 5V, VIO =5V, IREF = +5µA
VCC = 5V, VIO = 5V, IREF = –5µA
Figure 17. Reference Voltage vs. Temperature
160
140
120
100
80
60
40
20
0
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V
VIO = 5V
DATA RATE = 1Mbps
RL = 60Ω
Figure 18. Supply Current ICC vs. Temperature
140
138
136
134
132
130
128
126
124
122
120
118
4.5
5.5
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
SUPPLY VOLTAGE, VCC (V)
VIO = 5V
TA = 25°C
DATA RATE = 1Mbps
Figure 19. Supply Current, ICC vs. Supply Voltage VCC
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V, IOUT = –1.5mA
4.855
4.860
4.865
4.870
4.875
4.880
4.885
4.890
4.895
Figure 20. Receiver Output High Voltage vs. Temperature
–40
85
60
35
10
–15
TEMPERATURE (°C)
0
120
100
80
60
40
20
Figure 21. Receiver Output Low Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com