Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 5Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 6Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 7Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 8Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 12Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
ADM3053
Rev. E | Page 9 of 18
TYPICAL PERFORMANCE CHARACTERISTICS
160
0
20
40
60
80
100
120
140
100
1000
DATA RATE (kbps)
VCC = 4.5V, VIO = 5V
VCC = 5.5V, VIO = 5V
VCC = 5V, VIO = 5V
Figure 5. Supply Current, ICC vs. Data Rate
50
45
40
35
30
25
20
15
10
5
0
0
10
20
30
40
50
60
70
80
RESISTANCE, RS (kΩ)
Figure 6. Driver Slew Rate vs. Resistance, RS
5.5
4.5
3.5
2.5
1.5
0.5
100
1000
DATA RATE (kbps)
VIO = 3.3V
VIO = 5V
Figure 7. Supply Current, IIO vs. Data Rate
180
175
170
165
160
155
150
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V
VCC = 5V, VIO = 3.3V
Figure 8. Receiver Input Hysteresis vs. Temperature
53
52
51
50
49
48
47
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V
VCC = 5V, VIO = 3.3V
Figure 9. Propagation Delay from TxD On to Bus Active vs. Temperature
96
94
92
90
88
86
84
82
80
78
–40
85
60
35
10
–15
TEMPERATURE (°C)
VCC = 5V, VIO = 5V
VCC = 5V, VIO = 3.3V
Figure 10. Propagation Delay from TxD Off to Bus Inactive vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com