Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZLINX-IIIDE-EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # EZLINX-IIIDE-EBZ
Description  Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EZLINX-IIIDE-EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button EZLINX-IIIDE-EBZ Datasheet HTML 9Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 10Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 11Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 12Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 13Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 14Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 15Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 16Page - Analog Devices EZLINX-IIIDE-EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Data Sheet
ADM3053
Rev. E | Page 13 of 18
CIRCUIT DESCRIPTION
CAN TRANSCEIVER OPERATION
A CAN bus has two states called dominant and recessive. A
dominant state is present on the bus when the differential voltage
between CANH and CANL is greater than 0.9 V. A recessive state
is present on the bus when the differential voltage between CANH
and CANL is less than 0.5 V. During a dominant bus state, the
CANH pin is high, and the CANL pin is low. During a recessive
bus state, both the CANH and CANL pins are in the high
impedance state.
Pin 18 (RS) allows two different modes of operation to be selected:
high-speed and slope control. For high-speed operation, the
transmitter output transistors are simply switched on and off as
fast as possible. In this mode, no measures are taken to limit the
rise and fall slopes. A shielded cable is recommended to avoid
electromagnetic interference (EMI) problems. High-speed mode
is selected by connecting Pin 18 to ground.
Slope control mode allows the use of an unshielded twisted pair
or a parallel pair of wires as bus lines. To reduce EMI, the rise
and fall slopes must be limited. The rise and fall slopes can be
programmed with a resistor connected from Pin 18 to ground.
The slope is proportional to the current output at Pin 18.
SIGNAL ISOLATION
The ADM3053 signal isolation is implemented on the logic side of
the interface. The part achieves signal isolation by having a digital
isolation section and a transceiver section (see Figure 1). Data
applied to the TxD pin referenced to logic ground (GND1) are
coupled across an isolation barrier to appear at the transceiver
section referenced to isolated ground (GND2). Similarly, the single-
ended receiver output signal, referenced to isolated ground in
the transceiver section, is coupled across the isolation barrier to
appear at the RxD pin referenced to logic ground (GND1). The
signal isolation is powered by the VIO pin and allows the digital
interface to 3.3 V or 5 V logic.
POWER ISOLATION
The ADM3053 power isolation is implemented using an isoPower
integrated isolated dc-to-dc converter. The dc-to-dc converter
section of the ADM3053 works on principles that are common to
most modern power supplies. It is a secondary side controller
architecture with isolated pulse-width modulation (PWM)
feedback. VCC power is supplied to an oscillating circuit that
switches current into a chip-scale air core transformer. Power
transferred to the secondary side is rectified and regulated to 5 V.
The secondary (VISO) side controller regulates the output by
creating a PWM control signal that is sent to the primary (VCC)
side by a dedicated iCoupler data channel. The PWM modulates
the oscillator circuit to control the power being sent to the
secondary side. Feedback allows for significantly higher power
and efficiency.
The ADM3053 integrated dc-to-dc converter is designed as a
self contained solution and must not drive an external load. To
meet additional isolated power needs, isoPower isolated dc-to-
dc converters are available in a variety of power or power plus
standard data channel options.
TRUTH TABLES
The truth tables in this section use the abbreviations found in
Table 9.
Table 9. Truth Table Abbreviations
Letter
Description
H
High level
L
Low level
X
Don’t care
Z
High impedance (off)
I
Indeterminate
NC
Not connected
Table 10. Transmitting
Supply Status
Input
Outputs
VIO
VCC
TxD
Bus State
CANH
CANL
On
On
L
Dominant
H
L
On
On
H
Recessive
Z
Z
On
On
Floating
Recessive
Z
Z
Off
On
X
Recessive
Z
Z
On
Off
L
Indeterminate
I
I
Table 11. Receiving
Supply Status
Inputs
Output
VIO
VCC
VID = CANH − CANL
Bus State
RxD
On
On
≥ 0.9 V
Dominant
L
On
On
≤ 0.5 V
Recessive
H
On
On
0.5 V < VID < 0.9 V
X1
I
On
On
Inputs open
Recessive
H
Off
On
X1
X1
I
On
Off
X1
X1
H
1
X means don’t care.
THERMAL SHUTDOWN
The ADM3053 contains thermal shutdown circuitry that protects
the part from excessive power dissipation during fault conditions.
Shorting the driver outputs to a low impedance source can result in
high driver currents. The thermal sensing circuitry detects the
increase in die temperature under this condition and disables the
driver outputs. This circuitry is designed to disable the driver
outputs when a die temperature of 150°C is reached. As the
device cools, the drivers are reenabled at a temperature of 140°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com