Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM3223 Datasheet (PDF) - Analog Devices

ADUM3223 Datasheet PDF - Analog Devices
Part # ADUM3223
Download  ADUM3223 Download
File Size   533.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Precision Half-Bridge Driver, 4 A Output

ADUM3223 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM3223 Datasheet PDF - Analog Devices

Part # ADUM3223
Download  ADUM3223 Click to download

File Size   533.85 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated Precision Half-Bridge Driver, 4 A Output

ADUM3223 Datasheet (HTML) - Analog Devices


ADUM3223 Product details

GENERAL DESCRIPTION
The ADuM3223/ADuM42231 are 4 A isolated, half-bridge gate drivers that employ the Analog Devices, Inc., iCoupler® technology to provide independent and isolated high-side and low-side outputs. The ADuM3223 provides 3000 V rms isolation in the narrow body, 16-lead SOIC package, and the ADuM4223 provides 5000 V rms isolation in the wide body, 16-lead SOIC package. Combining high speed CMOS and monolithic transformer technology, these isolation components provide outstanding performance characteristics superior to the alternatives, such as the combination of pulse transformers and gate drivers.
The ADuM3223/ADuM4223 isolators each provide two independent isolated channels. They operate with an input supply ranging from 3.0 V to 5.5 V, providing compatibility with lower voltage systems. In comparison to gate drivers employing high voltage level translation methodologies, the ADuM3223/ ADuM4223 offer the benefit of true, galvanic isolation between the input and each output. Each output may be continuously operated up to 537 V peak relative to the input, thereby supporting low-side switching to negative voltages. The differential voltage between the high-side and low-side may be as high as 800 V peak. As a result, the ADuM3223/ADuM4223 provide reliable control over the switching characteristics of IGBT/MOSFET configurations over a wide range of positive or negative switching voltages.

FEATURES
4 A peak output current
Working voltage
High-side or low-side relative to input: 537 V peak
High-side to low-side differential: 800 V peak
High frequency operation: 1 MHz maximum
3.3 V to 5 V CMOS input logic
4.5 V to 18 V output drive
UVLO at 2.5 V VDD1
ADuM3223A/ADuM4223A UVLO at 4.1 V VDD2
ADuM3223B/ADuM4223B UVLO at 7.0 V VDD2
ADuM3223C/ADuM4223C UVLO at 11.0 V VDD2
Precise timing characteristics
54 ns maximum isolator and driver propagation delay
5 ns maximum channel-to-channel matching
CMOS input logic levels
High common-mode transient immunity: >25 kV/μs
Enhanced system-level ESD performance per IEC 61000-4-x
High junction temperature operation: 125°C
Thermal shutdown protection
Default low output
Safety and regulatory approvals
ADuM3223 narrow-body, 16-lead SOIC
UL recognition per UL 1577
3000 V rms for 1 minute SOIC long package
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
ADuM4223 wide-body, 16-lead SOIC
UL recognition per UL 1577
5000 V rms for 1 minute SOIC long package
CSA Component Acceptance Notice 5A
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 849 V peak
Qualified for automotive applications

APPLICATIONS
Switching power supplies
Isolated IGBT/MOSFET gate drives
Industrial inverters
Automotive




Similar Part No. - ADUM3223

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
Isolated Precision Half-Bridge Driver
REV. 0
ADUM3223 AD-ADUM3223 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADUM3223ARZ AD-ADUM3223ARZ Datasheet
422Kb / 20P
Isolated Precision Half-Bridge Driver
REV. 0
ADUM3223ARZ-RL7 AD-ADUM3223ARZ-RL7 Datasheet
422Kb / 20P
Isolated Precision Half-Bridge Driver
REV. 0
ADUM3223BRZ AD-ADUM3223BRZ Datasheet
422Kb / 20P
Isolated Precision Half-Bridge Driver
REV. 0
More results


Similar Description - ADUM3223

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
Isolated Precision Half-Bridge Driver
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
Isolated Precision Half-Bridge Driver, 4 A Output
11/15-Rev. A to Rev. B
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM7234 AD-ADUM7234_V01 Datasheet
217Kb / 12P
Isolated, Precision Half-Bridge Driver, 4 A Output
Rev. B
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com