Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA10A Datasheet (PDF) - Cirrus Logic

PA10A Datasheet PDF - Cirrus Logic
Part # PA10A
Download  PA10A Download
File Size   233.07 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PA10A Datasheet (PDF)

Go To PDF Page Download Datasheet
PA10A Datasheet PDF - Cirrus Logic

Part # PA10A
Download  PA10A Click to download

File Size   233.07 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIER

PA10A Datasheet (HTML) - Cirrus Logic


PA10A Product details

DESCRIPTION
The PA10 and PA10A are high voltage, high output current operational amplifers designed to drive resistive, inductive and capacitive loads. For optimum linearity, the output stage is biased for class A/B operation. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limiting resistors. Both amplifers are internally compensated for all gain settings. For continuous operation under load, a heatsink of proper rating is recommended.

FEATURES
• GAIN bANdwIdTh PROdUCT — 4Mhz
• TEMPERATURE RANGE — –55 to +125°C (PA10A)
• EXCELLENT LINEARITY — Class A/b Output
• wIdE SUPPLY RANGE — ±10V to ±50V
• hIGh OUTPUT CURRENT — ±5A Peak

APPLICATIONS
• MOTOR, VALVE ANd ACTUATOR CONTROL
• MAGNETIC dEFLECTION CIRCUITS UP TO 4A
• POwER TRANSdUCERS UP TO 100khz
• TEMPERATURE CONTROL UP TO 180w
• PROGRAMMAbLE POwER SUPPLIES UP TO 90V
• AUdIO AMPLIFIERS UP TO 60w RMS




Similar Part No. - PA10A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA10A ETC-PA10A Datasheet
61Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA10A CIRRUS-PA10A Datasheet
344Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA10A CIRRUS-PA10A Datasheet
203Kb / 5P
Power Operational Amplifier
logo
Amphenol Wilcoxon Sensi...
PA10A WILCOXON-PA10A Datasheet
306Kb / 1P
Shaker system power amplifier
Rev.A 03/22
More results


Similar Description - PA10A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com