Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA10A Datasheet (PDF) - List of Unclassifed Manufacturers

PA10A Datasheet PDF - List of Unclassifed Manufacturers
Part # PA10A
Download  PA10A Download
File Size   61.4 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description POWER OPERATIONAL AMPLIFIERS

PA10A Datasheet (PDF)

Go To PDF Page Download Datasheet
PA10A Datasheet PDF - List of Unclassifed Manufacturers

Part # PA10A
Download  PA10A Click to download

File Size   61.4 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description POWER OPERATIONAL AMPLIFIERS

PA10A Datasheet (HTML) - List of Unclassifed Manufacturers


PA10A Product details

[Apex]

DESCRIPTION
The PA10 and PA10A are high voltage, high output current operational amplifiers designed to drive resistive, inductive and capacitive loads. For optimum linearity, the output stage is biased for class A/B operation. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable current limiting resistors. Both amplifiers are internally compensated for all gain settings. For continuous operation under load, a heatsink of proper rating is recommended.

FEATURES
• GAIN BANDWIDTH PRODUCT — 4MHz
• TEMPERATURE RANGE — –55 to +125° C (PA10A)
• EXCELLENT LINEARITY — Class A/B Output
• WIDE SUPPLY RANGE — ±10V to ±50V
• HIGH OUTPUT CURRENT — ±5A Peak

APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 4A
• POWER TRANSDUCERS UP TO 100kHz
• TEMPERATURE CONTROL UP TO 180W
• PROGRAMMABLE POWER SUPPLIES UP TO 90V
• AUDIO AMPLIFIERS UP TO 60W RMS




Similar Part No. - PA10A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA10A APEX-PA10A Datasheet
233Kb / 4P
POWER OPERATIONAL AMPLIFIER
PA10A CIRRUS-PA10A Datasheet
344Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA10A CIRRUS-PA10A Datasheet
203Kb / 5P
Power Operational Amplifier
logo
Amphenol Wilcoxon Sensi...
PA10A WILCOXON-PA10A Datasheet
306Kb / 1P
Shaker system power amplifier
Rev.A 03/22
More results


Similar Description - PA10A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com