Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913-008-R Datasheet (PDF) - Littelfuse

913-008-R Datasheet PDF - Littelfuse
Part # 913-008-R
Download  913-008-R Download
File Size   117.07 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS

913-008-R Datasheet (PDF)

Go To PDF Page Download Datasheet
913-008-R Datasheet PDF - Littelfuse

Part # 913-008-R
Download  913-008-R Click to download

File Size   117.07 Kbytes
Page   1 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ATO짰 155 SERIES 32V STACKABLE IN-LINE PANEL-MOUNT FUSE HOLDER WITH LOOPED WIRE LEADS

913-008-R Datasheet (HTML) - Littelfuse


913-008-R Product details

Description
The ATO® 155 Series 32V Stackable In-Line Panel-Mount
Fuse Holder with Looped Wire Leads makes it simple to
install an ATO® or FKS blade-style automotive fuse (sold
separately unless indicated).
Configurations with black 14 AWG leads are compatible
with fuses up to 20 amps, while models of the panelmount fuse holder with orange 10 AWG leads accept fuses
up to 30 amps.
The stackable fuse holder can also be used with additional
ATO® 155 Series fuse holders to create a fuse block for
multiple fuses.

Applications
• Automotive
• Electronics
• Small Auxiliary Circuit Protection

Features and Benefits
• Accepts ATO® or FKS blade fuses (sold separately unless
indicated) up to 20 amps or 30 amps
• Configurations available with either black 14 AWG leads
or orange 10 AWG leads to suit different applications
• Stackable fuse holder body can be paired with additional
ATO® 155 Series fuse holders to create a multi-fuse
block
• Various fuse holder component parts are also available
separately, including the body, UL body, and crimp
terminals for the different wire gauges

Specifications
Max Current Rating: 30 Amps, 20 Amps, 10 Amps
Fuse Type: ATO®
Mounting Method: IN LINE FUSE HOLDER
Max Voltage Rating: 32 V




Similar Part No. - 913-008-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
913-008-R LITTELFUSE-913-008-R Datasheet
110Kb / 1P
32V Stackable In-Line Panel-Mount Fuse Holder with Looped Wire Leads
091925
More results


Similar Description - 913-008-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0257001.PXPV LITTELFUSE-0257001.PXPV Datasheet
175Kb / 2P
ATO짰 Blade Fuse Rated 32V
01550300 LITTELFUSE-01550300_18 Datasheet
613Kb / 1P
STACKABLE PANEL MOUNT FUSE HOLDER
01550500Z-UL LITTELFUSE-01550500Z-UL Datasheet
320Kb / 1P
155 SERIES BAYONET IN-LINE FUSE HOLDER
Rev: 041519
04980921GXM5 LITTELFUSE-04980921GXM5_V01 Datasheet
146Kb / 1P
MIDI 498 IL SERIES 32V IN-LINE FUSE HOLDER
080421-A
0FHA0200Z LITTELFUSE-0FHA0200Z Datasheet
126Kb / 1P
ATO짰 ADD-A-CIRCUIT짰 SERIES 32V IN-LINE FUSE HOLDER
2021
0FNY0001ZXJ LITTELFUSE-0FNY0001ZXJ Datasheet
157Kb / 1P
GLASS FNY SERIES 32V IN-LINE GLASS FUSE HOLDER
2021
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATOAFH LITTELFUSE-ATOAFH Datasheet
192Kb / 1P
ATO짰 AFH SERIES 32V IN-LINE WIRE-LEADED PANEL-MOUNT FUSE HOLDER
2021
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
ATOFKH LITTELFUSE-ATOFKH Datasheet
150Kb / 1P
ATO짰 FKH SERIES 32V BLADE FUSE HOLDER
2021
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com