Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1034484 Datasheet (PDF) - PHOENIX CONTACT

1034484 Datasheet PDF - PHOENIX CONTACT
Part # 1034484
Download  1034484 Download
File Size   247.27 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 2,5/ 4-H-EX PROFINET 1

1034484 Datasheet (PDF)

Go To PDF Page Download Datasheet
1034484 Datasheet PDF - PHOENIX CONTACT

Part # 1034484
Download  1034484 Click to download

File Size   247.27 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 2,5/ 4-H-EX PROFINET 1

1034484 Datasheet (HTML) - PHOENIX CONTACT


1034484 Product details

PCB terminal block, nominal current: 23 A, nominal cross section: 2.5 mm2, number of
potentials: 4, number of rows: 1, number of positions per row: 4, product range: SPT 2,5/..-H-EX PROFINET, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear double pinning, Solder pin [P]: 2.5 mm, number of solder pins per potential: 2, type of packaging: packed in cardboard. PCB terminal block satisfies the requirements of the “Guideline for PROFINET” in the 2017-05 edition, suitable for CAT5

Your advantages
• Satisfies the requirements of the “Guideline for PROFINET” in the edition dated 05/2017
• Satisfies CAT5 requirements in accordance with EN 50173 and ISO/IEC 11801
• Satisfies the more stringent safety requirements of “Ex e” protection according to IEC 60079-7 for potentially explosive areas
• Defined contact force ensures that contact remains stable over the long term
• Operation and conductor connection from one direction enable integration into front of device
• Time saving push-in connection, tools not required
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1034484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10344 ETC2-10344 Datasheet
216Kb / 1P
Micastat Dissipative Laminate
logo
Heyco.
10344 HEYCO-10344 Datasheet
106Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
PHOENIX CONTACT
1034421 PHOENIX-1034421 Datasheet
196Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 1
logo
Lapp.
10344300 LAPP-10344300 Datasheet
151Kb / 2P
EPIC® MCS 8 RJ45 / MCB 8 RJ45
17.09.2018
logo
Weidmuller
1034430000 WEIDMULLER-1034430000 Datasheet
304Kb / 4P
SCDV-THR 3.81/26/90F 1.5SN BK BX
More results


Similar Description - 1034484

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732386 PHOENIX-1732386 Datasheet
64Kb / 3P
PCB terminal block - SPT 2,5/ 2-H-5,0-EX
1732496 PHOENIX-1732496 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 2-V-5,0-EX
1732506 PHOENIX-1732506 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 3-V-5,0-EX
1732519 PHOENIX-1732519 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 4-V-5,0-EX
1751066 PHOENIX-1751066 Datasheet
54Kb / 4P
PCB terminal block - SPT 2,5/ 1-H-5,0
1034421 PHOENIX-1034421 Datasheet
196Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 1
1034460 PHOENIX-1034460 Datasheet
244Kb / 9P
PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 2
Jun 27, 2022
1034522 PHOENIX-1034522 Datasheet
248Kb / 9P
PCB terminal block - SPT 2,5/ 4-H-EX PROFINET 2
Jun 27, 2022
1732409 PHOENIX-1732409 Datasheet
350Kb / 10P
SPT 2,5/ 4-H-5,0-EX - PCB terminal block
1732425 PHOENIX-1732425 Datasheet
349Kb / 10P
SPT 2,5/ 6-H-5,0-EX - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com