Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1034522 Datasheet (PDF) - PHOENIX CONTACT

1034522 Datasheet PDF - PHOENIX CONTACT
Part # 1034522
Download  1034522 Download
File Size   248.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 2,5/ 4-H-EX PROFINET 2

1034522 Datasheet (PDF)

Go To PDF Page Download Datasheet
1034522 Datasheet PDF - PHOENIX CONTACT

Part # 1034522
Download  1034522 Click to download

File Size   248.56 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - SPT 2,5/ 4-H-EX PROFINET 2

1034522 Datasheet (HTML) - PHOENIX CONTACT


1034522 Product details

PCB terminal block, nominal current: 23 A, nominal cross section: 2.5 mm2, number of
potentials: 4, number of rows: 1, number of positions per row: 4, product range: SPT 2,5/..-H-EX PROFINET, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear double pinning, Solder pin [P]: 2.5 mm, number of solder pins per potential: 2, type of packaging: packed in cardboard. PCB terminal block satisfies the requirements of the “Guideline for PROFINET” in the 2017-05 edition, suitable for CAT5

Your advantages
• Satisfies the requirements of the “Guideline for PROFINET” in the edition dated 05/2017
• Satisfies CAT5 requirements in accordance with EN 50173 and ISO/IEC 11801
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Defined contact force ensures that contact remains stable over the long term
• Operation and conductor connection from one direction enable integration into front of device
• Time saving push-in connection, tools not required
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1034522

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1034520000 WEIDMULLER-1034520000 Datasheet
272Kb / 4P
SCDV 3.81/10/180G 3.2SN OR BX
More results


Similar Description - 1034522

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1732386 PHOENIX-1732386 Datasheet
64Kb / 3P
PCB terminal block - SPT 2,5/ 2-H-5,0-EX
1732496 PHOENIX-1732496 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 2-V-5,0-EX
1732506 PHOENIX-1732506 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 3-V-5,0-EX
1732519 PHOENIX-1732519 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/ 4-V-5,0-EX
1732593 PHOENIX-1732593 Datasheet
62Kb / 3P
PCB terminal block - SPT 2,5/12-V-5,0-EX
1034421 PHOENIX-1034421 Datasheet
196Kb / 5P
PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 1
1034460 PHOENIX-1034460 Datasheet
244Kb / 9P
PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 2
Jun 27, 2022
1034484 PHOENIX-1034484 Datasheet
247Kb / 9P
PCB terminal block - SPT 2,5/ 4-H-EX PROFINET 1
Jun 27, 2022
1732409 PHOENIX-1732409 Datasheet
350Kb / 10P
SPT 2,5/ 4-H-5,0-EX - PCB terminal block
1732425 PHOENIX-1732425 Datasheet
349Kb / 10P
SPT 2,5/ 6-H-5,0-EX - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com