Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADUM7234 Datasheet (PDF) - Analog Devices

ADUM7234 Datasheet PDF - Analog Devices
Part # ADUM7234
Download  ADUM7234 Download
File Size   217.47 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Precision Half-Bridge Driver, 4 A Output

ADUM7234 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADUM7234 Datasheet PDF - Analog Devices

Part # ADUM7234
Download  ADUM7234 Click to download

File Size   217.47 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated, Precision Half-Bridge Driver, 4 A Output

ADUM7234 Datasheet (HTML) - Analog Devices


ADUM7234 Product details

GENERAL DESCRIPTION
The ADuM72341 is an isolated, half-bridge gate driver that uses the Analog Devices, Inc., iCoupler® technology to provide independent and isolated high-side and low-side outputs. Combining high speed CMOS and monolithic transformer technology, this isolation component provides outstanding performance characteristics superior to optocoupler-based solutions.
By avoiding the use of LEDs and photodiodes, this iCoupler gate drive device is able to provide precision timing characteristics not possible with optocouplers. Furthermore, the reliability and performance stability problems associated with optocoupler LEDs are avoided.
In comparison to gate drivers that use high voltage level translation methodologies, the ADuM7234 offers the benefit of true, galvanic isolation between the input and each output and between each input. Each output can be operated at up to ±350 V peak relative to the input, thereby supporting low-side switching to negative voltages. The differential voltage between the high side and low side can be as high as 350 V peak.
As a result, the ADuM7234 provides reliable control over the switching characteristics of IGBT/MOSFET configurations over a wide range of positive or negative switching voltages.

FEATURES
Isolated high-side and low-side outputs
Working voltage
High side or low side relative to input: ±350 V peak
High side/low side differential: 350 V peak
4 A peak output current
High frequency operation: 1 MHz maximum
High common-mode transient immunity: >25 kV/μs
High temperature operation: 105°C
Narrow body, 16-lead SOIC
Safety and regulatory approvals
UL recognition
1000 V rms for 1 minute per UL 1577

APPLICATIONS
Isolated IGBT/MOSFET gate drives
Plasma displays
Industrial inverters
Switching power supplies




Similar Part No. - ADUM7234

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM7234 AD-ADUM7234 Datasheet
738Kb / 4P
Digital Isolator Product Selection and Resource Guide
ADuM7234BRZ AD-ADuM7234BRZ Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADuM7234BRZ-RL7 AD-ADuM7234BRZ-RL7 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
More results


Similar Description - ADUM7234

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1230 AD-ADUM1230 Datasheet
259Kb / 12P
Isolated Half-Bridge Driver, 0.1 A Amp Output
REV. A
ADUM1233 AD-ADUM1233 Datasheet
283Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM1234 AD-ADUM1234 Datasheet
273Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
REV. 0
ADUM7234 AD-ADUM7234 Datasheet
273Kb / 12P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. A
ADUM3223 AD-ADUM3223 Datasheet
422Kb / 20P
Isolated Precision Half-Bridge Driver
REV. 0
ADUM1234 AD-ADUM1234_15 Datasheet
262Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. A
ADUM3224 AD-ADUM3224 Datasheet
561Kb / 19P
Isolated Precision Half-Bridge Driver, 4 A Output
11/15-Rev. A to Rev. B
ADUM1233 AD-ADUM1233_V01 Datasheet
216Kb / 12P
Isolated, Precision Half-Bridge Driver, 0.1 A Output
Rev. C
ADUM3223 AD-ADUM3223_V01 Datasheet
533Kb / 20P
Isolated Precision Half-Bridge Driver, 4 A Output
Rev. J
logo
STMicroelectronics
STGAP2D STMICROELECTRONICS-STGAP2D Datasheet
1Mb / 22P
Galvanically isolated 4 A half-bridge gate driver
25-Jul-2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com