Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1707 Datasheet (PDF) - Maxim Integrated Products

MAX1707 Datasheet PDF - Maxim Integrated Products
Part # MAX1707
Download  MAX1707 Download
File Size   793.21 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Light-Management IC with Efficient 1x/1.5x/2x Charge Pump for Backlight/Flash/RGB LEDs

MAX1707 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1707 Datasheet PDF - Maxim Integrated Products

Part # MAX1707
Download  MAX1707 Click to download

File Size   793.21 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Light-Management IC with Efficient 1x/1.5x/2x Charge Pump for Backlight/Flash/RGB LEDs

MAX1707 Datasheet (HTML) - Maxim Integrated Products


MAX1707 Product details

General Description
The MAX1707 provides complete light management for main display backlight, subdisplay backlight (or RGB indicator), and white LED camera flash with regulated constant current up to 610mA total. By utilizing adaptive 1x/1.5x/2x charge-pump modes and very-lowdropout current regulators, it achieves high efficiency over the full 1-cell Li+ battery input voltage range. The 1MHz fixed-frequency switching allows for tiny external components while the regulation scheme is optimized to ensure low EMI and low input ripple. An integrated derating function protects the LEDs from overheating during high ambient temperatures.

Features
♦ Guaranteed 610mA Continuous Drive Capability
    4 LEDs at 30mA Each for Main Display
    3 LEDs at 30mA Each for Sub or RGB
    400mA Total for Flash
♦ 2-Wire I2C Serial Port
    5-Bit (32-Step) Linear Dimming
    32k Colors
    Ramp-Up/Down Rates
♦ 92% Peak/83% Avg Efficiency (PLED/PBATT)
♦ Adaptive 1x/1.5x/2x Mode Switchover
♦ 0.3% (typ) LED Current Accuracy and Matching
♦ Low Input Ripple and EMI
♦ Low 0.1µA Shutdown Current
♦ Output Overvoltage Protection
♦ Thermal Derating Function Protects LEDs
♦ 24-Pin 4mm x 4mm Thin QFN Package

Applications
    Cell Phones and Smartphones
    PDAs, Digital Cameras, Camcorders
    Displays with Up to 11 LEDs




Similar Part No. - MAX1707

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075 Datasheet
605Kb / 23P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
MAX17075 MAXIM-MAX17075 Datasheet
168Kb / 7P
1.2MHz Switching Frequency
Rev 0; 12/08
MAX17075ETG+ MAXIM-MAX17075ETG+ Datasheet
1Mb / 22P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075ETG+ MAXIM-MAX17075ETG+ Datasheet
605Kb / 23P
Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
More results


Similar Description - MAX1707

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
Advanced Analog Technol...
AAT3129 AAT-AAT3129 Datasheet
460Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
3129.2007.01.1.4
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129_07 Datasheet
460Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
Maxim Integrated Produc...
MAX8879 MAXIM-MAX8879 Datasheet
389Kb / 16P
Charge Pump for Backlight/Flash/RGB LEDs with Safety Timer
Rev 0; 9/08
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Monolithic Power System...
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
EV3021DQ-00A MPS-EV3021DQ-00A Datasheet
198Kb / 5P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Evaluation Board
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com