Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV858MG Datasheet (PDF) - Supertex, Inc

HV858MG Datasheet PDF - Supertex, Inc
Part # HV858MG
Download  HV858MG Download
File Size   253.23 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Tri-EL Lamp Driver IC

HV858MG Datasheet (PDF)

Go To PDF Page Download Datasheet
HV858MG Datasheet PDF - Supertex, Inc

Part # HV858MG
Download  HV858MG Click to download

File Size   253.23 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Tri-EL Lamp Driver IC

HV858MG Datasheet (HTML) - Supertex, Inc


HV858MG Product details

General Description
The Supertex HV858 is a high voltage triple EL lamp driver designed for driving combined EL lamps of up to 3.0 in2 (1.0 in2 each). The input supply voltage range is from 1.8V to 6.5V. The device is designed such that the input voltage to the inductor can be different from the input voltage to the device (split supply). The device uses a single inductor and a minimum number of passive components. The nominal regulated output voltage that is applied to the EL lamp is ±95V. The HV858 has two internal oscillators, one for the internal switching MOSFET, and the other for the high voltage EL lamp driver. The EL lamp frequency is fi xed internally at 500Hz. The power converter oscillator runs 256 times faster than the EL lamp driver at 128kHz.

Features
❐ Tri-EL lamp driver with common terminal
❐ Independent brightness control for all 3 lamps
❐ 1.8V to 6.5V Operating Supply Voltage
❐ Output voltage regulation
❐ Two-pin serial data communication for control
❐ Linear brightness control with seven steps at constant effi ciency
❐ 128kHz Fixed Switching Frequency
❐ Split supply capability
❐ Patented high effi ciency EL lamp driver
❐ Single miniature inductor drives all 3 lamps
❐ Only 4 external components
❐ Burst mode power converter for best effi ciency
❐ CMOS compatible serial interface with noise rejection
❐ 150nA max. leakage current when disabled
❐ Power-on reset causes all outputs to be off when fi rst powered up
❐ Small 10-pin MSOP package
❐ 10-pin DFN/MLP package (0.8mm thickness)

Applications
❐ Mulit-segment, variable displays
❐ Cell phone keypads and displays
❐ MP3 players
❐ Watches




Similar Part No. - HV858MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850MG SUTEX-HV850MG Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850X SUTEX-HV850X Datasheet
248Kb / 6P
High Voltage Low Noise Inductorless EL Lamp Driver
More results


Similar Description - HV858MG

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
List of Unclassifed Man...
M5003 ETC-M5003 Datasheet
108Kb / 4P
EL LAMP DRIVER IC
logo
Supertex, Inc
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
High Voltage EL Lamp Driver IC
HV856 SUTEX-HV856 Datasheet
453Kb / 7P
High Voltage Tri-EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
High Voltage EL Lamp Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC1001 FUMAN-SC1001 Datasheet
158Kb / 5P
EL LAMP DRIVER IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com