Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2117DUGS Datasheet (PDF) - NXP Semiconductors

PCA2117DUGS Datasheet PDF - NXP Semiconductors
Part # PCA2117DUGS
Download  PCA2117DUGS Download
File Size   862.61 Kbytes
Page   107 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive LCD driver for character displays

PCA2117DUGS Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA2117DUGS Datasheet PDF - NXP Semiconductors

Part # PCA2117DUGS
Download  PCA2117DUGS Click to download

File Size   862.61 Kbytes
Page   107 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive LCD driver for character displays

PCA2117DUGS Datasheet (HTML) - NXP Semiconductors


PCA2117DUGS Product details

General description
The PCA2117 is a low-power Liquid Crystal Display (LCD)1 controller and driver. It is
specifically designed to drive LCD dot-matrix displays of 2-lines by 20 characters or 1-line
by 40 characters with 5  8 dot format. In addition 200 icons can be displayed. The chip
contains a character generator and displays alphanumeric characters. The PCA2117
features an internal charge pump with internal capacitors for on-chip generation of the
LCD driving voltage. To ensure an optimal and stable contrast over the full temperature
range, the PCA2117 offers a programmable temperature compensation of the LCD supply
voltage. The PCA2117 can be easily connected to a microcontroller by either the two-line
I2C-bus or a four-line bidirectional SPI-bus.
Various character sets can be manufactured on request. In addition up to 48 user-defined
symbols (5  8 dot format) can be stored in three selectable RAM columns with 16
characters each.
For a selection of NXP LCD character drivers, see Table 58 on page 97.

Features and benefits
 AEC Q100 grade 2 compliant for automotive applications
 Single-chip LCD controller and driver
 Extended operating temperature range from 40 C to +105 C
 2-line display of up to 20 characters plus 200 icons or 1-line display of up to 40
characters plus 200 icons
 5  7 character format plus cursor and user-defined symbols
 Icon blink function
 On-chip:
 Programmable 4, 3, or 2 times voltage multiplier generating LCD supply voltage
(external supply also possible)
 Integrated temperature sensor with temperature readout
 Selectable linear temperature compensation of on-chip generated VLCD
 Generation of intermediate LCD bias voltages
 Oscillator requires no external components (external clock also possible)
 Readout of RAM, CGROM, and all registers possible
 Diagnostic features:
 Checksum on I2C and SPI bus
 Frame frequency: programmable from 45 Hz to 360 Hz
 Display Data RAM (DDRAM): 80 characters
 Character Generator ROM (CGROM): 240, 224, or 208 characters (5  8) depending
on the selected RAM size
 Character Generator RAM (CGRAM): 16, 32, or 48 characters (5  8); ICON-RAM:
400 bit
 Two-line I2C-bus interface or four-line SPI bus selectable through input pin
 Inversion modes
 n-line (n = 1 to 7) inversion
 Frame inversion
 Large supply voltage range: VDD1: 2.5 V to 5.5 V (chip can be driven with battery cells)
 Analog supply voltage VDD2: 2.5 V to 5.5 V
 LCD supply voltage VLCD: 4 V to 16 V
 Direct mode to save current consumption for icon mode and multiplex drive mode 1:9
(depending on VDD2 value and LCD properties)
 Power-down mode pin
 Very low current consumption (20 A to 200 A):
 Power-down mode: < 2 A
 Icon mode: < 25 A
 Icon mode is used to save current. When only icons are displayed, a much lower LCD
operating voltage can be used and the switching frequency of the LCD driver outputs
is reduced. In this case, for most applications it is possible to use VDD as LCD supply
voltage

Applications
 Automotive
 Instrument clusters
 Climate control display
 Car entertainment
 Car radio
 Industrial
 Medical and health care
 Measuring equipment
 Machine control systems
 Information boards
 General-purpose display modules
 Consumer
 White goods
 Home entertainment




Similar Part No. - PCA2117DUGS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA21125 NXP-PCA21125 Datasheet
1Mb / 42P
SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
PCA21125 NXP-PCA21125 Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCA21125 NXP-PCA21125 Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCA21125 NXP-PCA21125 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCA21125T NXP-PCA21125T Datasheet
1Mb / 42P
SPI-bus Real-Time Clock and calendar
Rev. 01-16 November 2009
More results


Similar Description - PCA2117DUGS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8578 PHILIPS-PCF8578 Datasheet
323Kb / 44P
LCD row/column driver for dot matrix graphic displays
1998 Sep 08
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Sanyo Semicon Device
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
LCD Dot Matrix Common Driver for STN Displays
LC7584N SANYO-LC7584N Datasheet
415Kb / 23P
LCD DRIVER with CHARACTER GENERATOR
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
logo
Allegro MicroSystems
A8603 ALLEGRO-A8603 Datasheet
999Kb / 42P
Multiple-Output Regulator for Automotive LCD Displays
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com