Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4102C Datasheet (PDF) - Sanyo Semicon Device

LC4102C Datasheet PDF - Sanyo Semicon Device
Part # LC4102C
Download  LC4102C Download
File Size   61.49 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Dot Matrix Common Driver for STN Displays

LC4102C Datasheet (PDF)

Go To PDF Page Download Datasheet
LC4102C Datasheet PDF - Sanyo Semicon Device

Part # LC4102C
Download  LC4102C Click to download

File Size   61.49 Kbytes
Page   8 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Dot Matrix Common Driver for STN Displays

LC4102C Datasheet (HTML) - Sanyo Semicon Device


LC4102C Product details

Overview
The LC4102C is a common driver for large-scale dot matrix LCD panels. It includes a 160-bit bidirectional shift register and 4-level LCD driver circuits. The number of bits can be further increased by using the provided input and output pins to connect multiple LC4102Cs in cascade. The LC4102C and LC4104C form a large-screen LCD panel driver chip set.

Features
• Fabricated in a CMOS (P-sub) high-voltage process.
• LCD drive voltage: 36 V
• Logic system power-supply voltage: 2.7 to 5.5 V
• fcp max: 2.5 MHz
• Slim chip (output pads are concentrated on one of the longer sides)
• Bidirectional shift register
• The shift register can be split into two 80-bit registers. (Two screens drivable)
• DISPOFF function that locks the drive voltages output to the LCD at fixed levels.
• Display duty: 1/160 to 1/480
• Appropriate for COG (chip on glass) mounting. (A gold bump structure is adopted in the pad areas.)




Similar Part No. - LC4102C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
More results


Similar Description - LC4102C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Sanyo Semicon Device
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
LCD Dot Matrix Common Driver for STN Displays
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
Common Driver for Dot Matrix STN Liquid Crystal Display
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com