Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4103C Datasheet (PDF) - Sanyo Semicon Device

LC4103C Datasheet PDF - Sanyo Semicon Device
Part # LC4103C
Download  LC4103C Download
File Size   240.23 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description STN LCD Dot Matrix Common Driver

LC4103C Datasheet (PDF)

Go To PDF Page Download Datasheet
LC4103C Datasheet PDF - Sanyo Semicon Device

Part # LC4103C
Download  LC4103C Click to download

File Size   240.23 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description STN LCD Dot Matrix Common Driver

LC4103C Datasheet (HTML) - Sanyo Semicon Device


LC4103C Product details

Overview
The LC4103 is a common driver IC for large-scale dot matrix LCD displays, It includes a 160-bit bidirectional shift register and 4-level LCD drivers. The number of bits can be increased by using the I/O pins provided for cascode connection. In conjunction with the LC4104 segment driver, the LC4103 forms a chip set that can drive large-screen LCD panels.

Features
• High-voltage CMOS (P-sub) process.
• LCD drive voltage : 42V
• Logic system power-supply voltage : 2.7 to 5.5V
• Maximum fcp : 2.5MHz (VDD=5V±10%), 200kHz (VDD=2.7 to 4.5V)
• Bidirectional shift register.
• The shift register can be divided into two 80-bit registers (thus allowing two-screen drive).
• DISPOFF function (Holds the LCD drive voltage at a fixed level).
• Slim TAB (160 outputs).
• Display duty ratios : 1/160 to 1/480.
• Package lineup.




Similar Part No. - LC4103C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
More results


Similar Description - LC4103C

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5278 OKI-MSM5278 Datasheet
145Kb / 7P
DOT MATRIX LCD 64 DOT COMMON DRIVER
logo
Sanyo Semicon Device
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
LCD Dot Matrix Common Driver for STN Displays
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
Common Driver for Dot Matrix STN Liquid Crystal Display
logo
LAPIS Semiconductor Co....
ML9460 LAPIS-ML9460 Datasheet
259Kb / 27P
Common Driver for Dot Matrix STN Liquid Crystal Display
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com