Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4104C Datasheet (PDF) - Sanyo Semicon Device

LC4104C Datasheet PDF - Sanyo Semicon Device
Part # LC4104C
Download  LC4104C Download
File Size   86.99 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Dot Matrix Segment Driver for STN Displays

LC4104C Datasheet (PDF)

Go To PDF Page Download Datasheet
LC4104C Datasheet PDF - Sanyo Semicon Device

Part # LC4104C
Download  LC4104C Click to download

File Size   86.99 Kbytes
Page   9 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LCD Dot Matrix Segment Driver for STN Displays

LC4104C Datasheet (HTML) - Sanyo Semicon Device


LC4104C Product details

Overview
The LC4104 is a segment driver LSI for large-scale dot matrix LCD displays. The LC4104 latches 160-bits of display data transferred from the controller over a 4- or 8-bit parallel interface and generates the LCD drive signals. In conjunction with the LC4102 common driver, the LC4104 forms a chip set that can drive large-screen LCD panels.

Features
• High-voltage CMOS (P-sub) process
• LCD drive voltage: 36 V
• Logic system power-supply voltage: 2.7 to 5.5 V
• Maximum fcp: 12 MHz (VDD = 5 V ±10%),  10 MHz (VDD = 2.7 to 4.5 V)
• Slim chip (The output pads are located along one of the long sides.)
• Parallel input circuit can be switched between 4 and 8 bits.
• Output directionality switching
• DISPOFF function (Holds the LCD drive voltage at a fixed level.)
• Display duty ratios: 1/160 to 1/480
• Appropriate for COG (chip on glass) mounting. (A gold bump structure is adopted in the pad areas.)
• LC4104C: Chip product




Similar Part No. - LC4104C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
More results


Similar Description - LC4104C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
64CH SEGMENT DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
80 SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Sanyo Semicon Device
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
LCD Dot Matrix Common Driver for STN Displays
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
80CH Segment Driver For Dot Matrix LCD
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
80CH Segment Driver for Dot Matrix LCD
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
96CH Segment Driver For Dot Matrix LCD
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com