Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85134HL Datasheet (PDF) - NXP Semiconductors

PCF85134HL Datasheet PDF - NXP Semiconductors
Part # PCF85134HL
Download  PCF85134HL Download
File Size   752.14 Kbytes
Page   103 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive 102 x 4 Chip-On-Glass LCD segment driver

PCF85134HL Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF85134HL Datasheet PDF - NXP Semiconductors

Part # PCF85134HL
Download  PCF85134HL Click to download

File Size   752.14 Kbytes
Page   103 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Automotive 102 x 4 Chip-On-Glass LCD segment driver

PCF85134HL Datasheet (HTML) - NXP Semiconductors


PCF85134HL Product details

General description
The PCA8530 is a fully featured Chip-On-Glass (COG)1 Liquid Crystal Display (LCD)
driver, designed for high-contrast Vertical Alignment (VA) LCD with multiplex rates up to
1:4. It generates the drive signals for a static or multiplexed LCD containing up to
4 backplane, 102 segment outputs, and up to 408 segments/elements. The PCA8530
features an internal charge pump with internal capacitors for on-chip generation of the
LCD driving voltage. To ensure an optimal and stable contrast over the full temperature
range, the PCA8530 offers a programmable temperature compensation of the LCD supply
voltage. The PCA8530 can be easily controlled by a microcontroller through either the
two-line I2C-bus or a four-line bidirectional SPI-bus.
For a selection of NXP LCD segment drivers, see Table 58 on page 93.

Features and benefits
 AEC Q100 grade 2 compliant for automotive applications
 Low power consumption
 Extended operating temperature range from 40 C to +105 C
 102 segments and 4 backplanes allowing to drive:
 up to 51 7-segment numeric characters
 up to 25 14-segment alphanumeric characters
 any graphics of up to 408 segments/elements
 408-bit RAM for display data storage
 Two sets of backplane outputs providing higher flexibility for optimal COG layout
configurations
 Up to 4 chips can be cascaded to drive larger displays with an internally generated or
externally supplied VLCD
 Selectable backplane drive configuration: static, 2, or 4 backplane multiplexing
 LCD supply voltage
 Programmable internal charge pump for on-chip LCD voltage generation up to
5  VDD2
 External LCD voltage supply possible as well
 Selectable 400 kHz I2C-bus or 3 MHz SPI-bus interface
 Selectable linear temperature compensation of VLCD
 Selectable display bias configuration
 Wide range for digital and analog power supply: from 2.5 V to 5.5 V
 Wide LCD voltage range from 4.0 V for low threshold LCDs up to 12.0 V for high
threshold twisted nematic and Vertical Alignment (VA) displays
 Display memory bank switching in static and 1:2 multiplex drive modes
 Programmable frame frequency in the range of 45 Hz to 300 Hz; factory calibrated
with a tolerance of 3 Hz (at 80 Hz)
 Selectable inversion scheme for LCD driving waveforms: frame or n-line inversion
 Diagnostic features for status monitoring
 Integrated temperature sensor with temperature readout
 On chip calibration of internal oscillator frequency and VLCD
 Laser marking at the back-side of the die for traceability of the lot number, wafer
number, and die position on the wafer

Applications
 Automotive
 Instrument clusters
 Climate control
 Car entertainment
 Car radio
 Industrial
 Consumer
 Medical and health care
 Measuring equipment
 Machine control systems
 Information boards
 White goods
 General-purpose display modules




Similar Part No. - PCF85134HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85134HL NXP-PCF85134HL Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF85134HL NXP-PCF85134HL Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCF85134HL NXP-PCF85134HL Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCF85134HL NXP-PCF85134HL Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF85134HL NXP-PCF85134HL Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
More results


Similar Description - PCF85134HL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Jul-2004
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
logo
Princeton Technology Co...
PT16528 PTC-PT16528 Datasheet
379Kb / 4P
Automotive 18 x 4 LCD Segment Driver
logo
NXP Semiconductors
PCA8551 NXP-PCA8551 Datasheet
664Kb / 53P
Automotive 36 횞 4 LCD segment driver
Rev. 3.1-3 May 2021
PCA8561 NXP-PCA8561 Datasheet
694Kb / 50P
Automotive 18 횞 4 LCD segment driver
Rev. 5-15 March 2021
PCE85176AUG NXP-PCE85176AUG Datasheet
395Kb / 48P
4 횞 40 LCD segment driver for Chip-On-Glass
Rev. 1-12 January 2015
PCA8553 NXP-PCA8553 Datasheet
667Kb / 52P
Automotive 40 횞 4 LCD segment driver
Rev. 4-1 October 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com