Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS2A202D Datasheet (PDF) - Analog Technologies, Inc.

ATLS2A202D Datasheet PDF - Analog Technologies, Inc.
Part # ATLS2A202D
Download  ATLS2A202D Download
File Size   273.15 Kbytes
Page   7 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS2A202D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS2A202D Datasheet PDF - Analog Technologies, Inc.

Part # ATLS2A202D
Download  ATLS2A202D Click to download

File Size   273.15 Kbytes
Page   7 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS2A202D Datasheet (HTML) - Analog Technologies, Inc.


ATLS2A202D Product details

FEATURES
High Efficiency: ≥90%
Constant Current Output
Maximum Output Current: 2A
Current Output Noise: 3.71μAP-P @ 0.1Hz-10Hz
High Stability: 100ppm/°C
PWM Switching Frequency Synchronizable
Zero EMI
Compact Size
DIP Package Available
100 % Lead (Pb)-free and RoHS Compliant
SMT Package Available
DESCRIPTION
This laser driver is an electronic module designed for
driving diode lasers with up to 2A constant current, high
efficiency, low noise, high reliability, zero EMI, and small
package. Figure 1 shows physical photo of ATLS2A202D.
It provides these the functions: laser constant current control,
laser current monitoring, over current and thermal protection,
laser current output indication, laser diode status indication,
soft start, and shut down.
It comes with a high stability low noise 2.5V voltage reference
output which can be used for setting the output current. The
reference output can also be used for the ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters).
The frequency synchronization of this laser driver allows using
an external digital signal to synchronize the internal PWM
output stage of the laser driver, to eliminate frequency beating
interferences between the laser drivers and other switch mode
electronic circuits on the same PCB.
The external signal needs to be in the range of 520kHz to
800kHz.
If other frequency is needed, contact us, we may be able to
adjust the internal PWM frequency for you. The default
switching frequency of the internal PWM output stage is
500kHz.




Similar Part No. - ATLS2A202D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS2A201D-PD ANALOGTECHNOLOGIES-ATLS2A201D-PD Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
More results


Similar Description - ATLS2A202D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A201D ANALOGTECHNOLOGIES-ATLS1A201D Datasheet
252Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS1A202D ANALOGTECHNOLOGIES-ATLS1A202D Datasheet
267Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS3A201D ANALOGTECHNOLOGIES-ATLS3A201D Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS3A202D ANALOGTECHNOLOGIES-ATLS3A202D Datasheet
266Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS4A201D ANALOGTECHNOLOGIES-ATLS4A201D Datasheet
349Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS4A202D ANALOGTECHNOLOGIES-ATLS4A202D Datasheet
339Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS500MA201D ANALOGTECHNOLOGIES-ATLS500MA201D Datasheet
259Kb / 8P
Constant Current Laser Driver
1/18/2022
ATLS500MA202D ANALOGTECHNOLOGIES-ATLS500MA202D Datasheet
237Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS6A201D ANALOGTECHNOLOGIES-ATLS6A201D Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com