Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS3A201D Datasheet (PDF) - Analog Technologies, Inc.

ATLS3A201D Datasheet PDF - Analog Technologies, Inc.
Part # ATLS3A201D
Download  ATLS3A201D Download
File Size   273.47 Kbytes
Page   9 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS3A201D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS3A201D Datasheet PDF - Analog Technologies, Inc.

Part # ATLS3A201D
Download  ATLS3A201D Click to download

File Size   273.47 Kbytes
Page   9 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS3A201D Datasheet (HTML) - Analog Technologies, Inc.


ATLS3A201D Product details

FEATURES
 Power Supply Voltage Range: 3.1V ∼ 6V
 High Efficiency: ≥ 90%
 Maximum Output Current: 3A
 Current Output Noise: 4.48μAP-P@0.1Hz ∼ 10Hz
 High Stability: ± 8mA@3A for entire temperature
 Loop Good Indication
 Compact Size
 Fully shielded
 100 % Lead (Pb)-free and RoHS Compliant
DESCRIPTION
This laser driver, ATLS3A201D, is an electronic module
designed for driving diode lasers by an up to 3A constant
current with high efficiency, low noise, high stability, high
reliability, zero EMI, and small package. Figure 1 shows the
physical photo of the ATLS3A201D.
It provides these the functions: laser constant current control,
laser current monitoring, over current and thermal protection,
laser current control indication, laser diode status indication,
soft start, and shut down.
It comes with a high stability low noise 2.5V voltage
reference. This voltage can be used by a POT
(Potentiometer), or a DAC (Digital to Analog Converter) to
set the voltage on the LIS pin for programming the output
current, and, at the same time, by an ADCs (Analog to
Digital Converters) to measure the voltage on the LIO pin
for monitoring the output current.




Similar Part No. - ATLS3A201D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS3A202D ANALOGTECHNOLOGIES-ATLS3A202D Datasheet
266Kb / 7P
Constant Current Laser Driver
1/20/2022
More results


Similar Description - ATLS3A201D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A201D ANALOGTECHNOLOGIES-ATLS1A201D Datasheet
252Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS1A202D ANALOGTECHNOLOGIES-ATLS1A202D Datasheet
267Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS2A202D ANALOGTECHNOLOGIES-ATLS2A202D Datasheet
273Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS3A202D ANALOGTECHNOLOGIES-ATLS3A202D Datasheet
266Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS4A201D ANALOGTECHNOLOGIES-ATLS4A201D Datasheet
349Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS4A202D ANALOGTECHNOLOGIES-ATLS4A202D Datasheet
339Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS500MA201D ANALOGTECHNOLOGIES-ATLS500MA201D Datasheet
259Kb / 8P
Constant Current Laser Driver
1/18/2022
ATLS500MA202D ANALOGTECHNOLOGIES-ATLS500MA202D Datasheet
237Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS6A201D ANALOGTECHNOLOGIES-ATLS6A201D Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com