Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS3A201D Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS3A201D
Description  Constant Current Laser Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A201D Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS3A201D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 9Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
ATLS3A201D
Constant Current Laser Driver
To power GND
+5V
LIO
6
VPS 12
PGND
10
LIGD 8
LDA 9
GND
3
2.5VR
4
LIS
5
PGND 11
GND 7
LDGD
2
SDN
1
Laser Driver
A
K
Laser diode
D2
(Clock-wise)
S1 Shutdown
A
K
D1
LED
To DC voltmeter
To DC voltmeter
To signal GND
3
1 W1 10K
Figure 4.2. A Typical Stand-alone Application Schematic for ATLS3A201D-PD
Figure 4.1 and 4.2 shows a typical stand-alone application
circuit.
In Figure 4.1, the switch S1 is an external shut down switch,
it turns the driver off and on by tiding SDN pin to the
ground or releasing it respectively. In Figure 4.2, the switch
S1 is an external shut down switch, which turns the driver
off and on by tiding SDN pin to VPS or releasing it
respectively. The starting up time delay is about 4mS and
the shut down time is about 20µS.
The switch S1 can also be an electronic switch, such as an
I/O pin of a micro-driver, with an either open drain or
push/pull output. See Figure 5. For ATLS3A201D, the
internal equivalent circuit is a resistor of 10M pulling up this
pin to VPS rail. And for ATLS3A201D-PD, the internal
equivalent circuit is a resistor of 55k pulling down this pin
to GND. When this pin voltage is >1.4V, the driver is
enabled; <0.95V, the driver is shut down. Normal threshold
voltage = 1.2V.
If not using a switch (S1) to control the laser, leave the SDN
pin unconnected.
In Figure 4.1, the LED D1 is used to indicate laser diode
status. When LDGD pin is high, >2V, the laser diode control
loop is working properly. When LDGD pin is low, <0.3V,
the laser diode is bad, or there is a short or open circuit at
the laser diode. The LDGD pin can also be connected to a
digital input pin of a micro-driver, when software/firmware
is utilized in the system. See Figure 5. The equivalent circuit of
this pin is a 5k resistor pulling up it to the VPS rail and an open
drain FET pulling it down to the ground. The pull-up current
can be increased by connecting an external pull-up resistor
between VPS and LDGD pins, which is equivalent to
paralleling the external resistor with the internal 5k pull-up
resistor. However, the total pull-up resistor should be ≥1.5k @
VVPS=5V or ≥1k @ VVPS=3.3V, otherwise, the internal open
drain FET cannot provide the resistors with enough pull-down
current to achieve a low enough potential level for a logic low
indication. To calculate the total pull-up resistor, use the
equation below:
RTOTAL = (RINTERNAL × REXTERNAL)/(RINTERNAL + REXTERNAL)
where:
RTOTAL is the total pull-up resistor,
RINTERNAL is the internal pull-up resistor,
REXTERNAL is the external pull-up resistor.
The laser diode D2 is connected between LDA and LDC. It is
worth mentioning that the power supply return terminal should
be connected to the pin 11 PGND and the cathode of the laser
diode should be connected to the pin 10 LDC. These 2 pins, 10
and 11, should not be connected together externally and they
are connected together internally already by the driver.
Figure 5 shows a typical micro-processor-based application
circuit.
To ADC & DAC
To ADC
To ADC
To micro-controller
To signal GND
To power GND
+5V
LIO
6
VPS 12
PGND
10
LIGD
8
LDA
9
GND
3
2.5VR
4
LIS
5
PGND 11
GND
7
LDGD
2
SDN
1
Laser Driver
To DAC
To signal GND
To micro-controller
A
K
Laser diode
D2
Figure 5. A Typical Micro-processor-based Application Schematic
LDC
+5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com