Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS3A201D Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS3A201D
Description  Constant Current Laser Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A201D Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS3A201D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A201D Datasheet HTML 9Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/18/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS3A201D
Constant Current Laser Driver
4
2.5VR
Analog Output
Reference voltage. It can source 3mA max., with 5
μVP-P noise between 0.1 to 10Hz and
25ppm/
°C (max.) stability.
5
LIS
Analog Input
Laser current setting voltage. There is an input resistor of 10M tied to GND. Setting it
from 0V to 2.5V will set the laser current from 0A to 3A linearly.
6
LIO
Analog Output
Laser current output indication. 0V to 2.5V indicates the laser current being from 0A to
3A linearly.
8
LIGD
Analog Output
Laser current good, control loop indication. When this pin is stabilized and the value is
between 1V and 2.4V, the output voltage to the laser, Pin 9 LDA, will be 4.5V to 0V
linearly, the laser current is stabilized, and the control loop is stable.
9
LDA
Analog Output Laser diode anode. Connect it to the anode of the laser diode.
10
LDC
Analog Output Laser diode cathode. Connect it to the cathode of the laser diode.
11
PGND
Power Ground
Power ground pin. Connect this pin directly to power supply return path line.
12
VPS
Power Input
Power supply voltage. The driver works from VVPS = 3.1V to 6V.
SPECIFICATIONS
Table 2 Characteristics (Tambient = 25
°C)
Parameter
Test Condition
Value
Unit
Laser driver efficiency
IOUT = 3A, VOUT= 2.5V, & VVPS = 5V
≥90
%
Maximum output current
VLDA ≤VLDAMAX
3
A
Output current noise
(VIN = 5V; VOUT = 2.5V;
IOUT = 500mA)
VIN = 5V; VOUT = 2.5V;
IOUT = 500mA
4.48
μAP-P
@0.1Hz-
10Hz
Stability @ 3A
The range of TA is 20
°C ∼ 80°C
±0.2
%
Laser current control signal range at LIS
VVPS = 3.1V
∼ 6V
0 ~ VVPS
− 0.2
V
LIS control accuracy
Relative accuracy = (accuracy current – set
point current) / set point temp.
±0.2
%
Laser current indication signal range at
LIO
VVPS = 3.1V
∼ 6V
0 ~ 2.5
V
LIO indication accuracy
VVPS = 3.1V
∼ 6V
±0.2
%
Reference voltage
VVPS = 3.1V
∼ 6V
2.5
V
Reference Voltage temperature co
efficiency
VVPS = 3.1V
∼ 6V
Output voltage range at LDA
VVPS = 3.1V
∼ 6V
Depending on VVPS
V
PWM frequency
500
kHz
Power supply voltage range
3.1 ~ 6
V
Maximum power supply voltage
6
V
Start-up time
4
ms
Typical pull-down current at LDGD
6
mA
Operating case temperature
I = 3A, VIN = 3.3V or 5V, VOUT = 2.5V
−40 ~ 85
°C
Rise times of small signal
IOUT = 3A, VOUT = 2.5V, & VVPS = 5V
70
µS
Fall times of small signal
IOUT = 3A, VOUT = 2.5V, & VVPS = 5V
70
µS
Rise times of large signal
352
µS
Fall times of large signal
184
µS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com