Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS6A201D Datasheet (PDF) - Analog Technologies, Inc.

ATLS6A201D Datasheet PDF - Analog Technologies, Inc.
Part # ATLS6A201D
Download  ATLS6A201D Download
File Size   294.9 Kbytes
Page   10 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS6A201D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS6A201D Datasheet PDF - Analog Technologies, Inc.

Part # ATLS6A201D
Download  ATLS6A201D Click to download

File Size   294.9 Kbytes
Page   10 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS6A201D Datasheet (HTML) - Analog Technologies, Inc.


ATLS6A201D Product details

FEATURES
High Efficiency: ≥90%
Maximum Output Current: 6A
Current Output Noise: 8.66μAP-P@0.1Hz ∼ 10Hz
High Stability: ± 12mA@6A (0.2%) for entire temp. range
Loop Good Indication
Fully shielded
Compact Size
100 % lead (Pb)-free and RoHS compliant
DESCRIPTION
This laser driver, ATLS6A201D, is an electronic module
designed for driving diode lasers by up to 6A constant
current with high efficiency, low noise, high reliability, zero
EMI, and small package. There are two types:
ATLS6A201D and ATLS6A201D-PD, and the latter has a
pull-down resistor to the ground. Figure 1.1 shows physical
photo of the ATLS6A201D and Figure 1.2 shows the photo
of ATLS6A201D-PD.
It provides these functions: laser current control, laser
current monitoring, over temperature protection, loop good
indication, laser diode status indication, soft start, and shut
down.
It comes with a high stability low noise 2.5V voltage
reference output which can be used for setting the output
current and, at the same time, for the ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters) as the reference voltage.




Similar Part No. - ATLS6A201D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS6A202D ANALOGTECHNOLOGIES-ATLS6A202D Datasheet
341Kb / 8P
Constant Current Laser Driver
1/20/2022
More results


Similar Description - ATLS6A201D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A201D ANALOGTECHNOLOGIES-ATLS1A201D Datasheet
252Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS1A202D ANALOGTECHNOLOGIES-ATLS1A202D Datasheet
267Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS2A202D ANALOGTECHNOLOGIES-ATLS2A202D Datasheet
273Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS3A201D ANALOGTECHNOLOGIES-ATLS3A201D Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS3A202D ANALOGTECHNOLOGIES-ATLS3A202D Datasheet
266Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS4A201D ANALOGTECHNOLOGIES-ATLS4A201D Datasheet
349Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS4A202D ANALOGTECHNOLOGIES-ATLS4A202D Datasheet
339Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS500MA201D ANALOGTECHNOLOGIES-ATLS500MA201D Datasheet
259Kb / 8P
Constant Current Laser Driver
1/18/2022
ATLS500MA202D ANALOGTECHNOLOGIES-ATLS500MA202D Datasheet
237Kb / 7P
Constant Current Laser Driver
1/20/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com