Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS6A202D Datasheet (PDF) - Analog Technologies, Inc.

ATLS6A202D Datasheet PDF - Analog Technologies, Inc.
Part # ATLS6A202D
Download  ATLS6A202D Download
File Size   341.22 Kbytes
Page   8 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS6A202D Datasheet (PDF)

Go To PDF Page Download Datasheet
ATLS6A202D Datasheet PDF - Analog Technologies, Inc.

Part # ATLS6A202D
Download  ATLS6A202D Click to download

File Size   341.22 Kbytes
Page   8 Pages
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.
Description Constant Current Laser Driver

ATLS6A202D Datasheet (HTML) - Analog Technologies, Inc.


ATLS6A202D Product details

FEATURES
High Efficiency: ≥90%
Constant Current Output
Maximum Output Current: 6A
Current Output Noise: 8.29μAP-P @ 0.1Hz-10Hz
High Stability: ± 12mA@6A (0.2%) for entire temp. range
PWM Switching Frequency Synchronizable
Zero EMI
Compact Size
100 % Lead (Pb)-free and RoHS Compliant
DIP Package Available
DESCRIPTION
This laser driver is an electronic module designed for
driving diode lasers with up to 6A constant current, high
efficiency, low noise, high reliability, zero EMI, and small
package. Figure 1 shows the photo of actual ATLS6A202D.
It provides these functions: laser constant current control,
laser current monitoring, over current and thermal protection,
switching frequency synchronization, laser diode status
indication, soft start, and shut down.
It comes with a high stability low noise 2.5V voltage reference
output which can be used for setting the output current. The
reference output can also be used for the ADCs (Analog to
Digital Converters) and/or DACs (Digital to Analog
Converters) to monitor the laser output current and/or set laser
output current respectively.
The frequency synchronization of this laser driver allows using
an external digital signal to synchronize the internal PWM
output stage of the laser driver, to eliminate frequency beating
interferences between the laser drivers and other switch mode
electronic circuits on the same PCB.
The external signal needs to be in the range of 520kHz to
800kHz.
If other frequency is needed, contact us, we may be able to
adjust the internal PWM frequency for you. The default
switching frequency of the internal PWM output stage is
500kHz.




Similar Part No. - ATLS6A202D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS6A201D ANALOGTECHNOLOGIES-ATLS6A201D Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
ATLS6A201D-PD ANALOGTECHNOLOGIES-ATLS6A201D-PD Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
More results


Similar Description - ATLS6A202D

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A201D ANALOGTECHNOLOGIES-ATLS1A201D Datasheet
252Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS1A202D ANALOGTECHNOLOGIES-ATLS1A202D Datasheet
267Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS2A202D ANALOGTECHNOLOGIES-ATLS2A202D Datasheet
273Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS3A201D ANALOGTECHNOLOGIES-ATLS3A201D Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS3A202D ANALOGTECHNOLOGIES-ATLS3A202D Datasheet
266Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS4A201D ANALOGTECHNOLOGIES-ATLS4A201D Datasheet
349Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS4A202D ANALOGTECHNOLOGIES-ATLS4A202D Datasheet
339Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS500MA201D ANALOGTECHNOLOGIES-ATLS500MA201D Datasheet
259Kb / 8P
Constant Current Laser Driver
1/18/2022
ATLS6A201D ANALOGTECHNOLOGIES-ATLS6A201D Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com