Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE7903 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
AFE7903 Datasheet PDF - Texas Instruments
Part # AFE7903
Download  AFE7903 Download
File Size   15483.09 Kbytes
Page   154 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW

AFE7903 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE7903 Datasheet PDF - Texas Instruments

Part # AFE7903
Download  AFE7903 Click to download

File Size   15483.09 Kbytes
Page   154 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW

AFE7903 Datasheet (HTML) - Texas Instruments


AFE7903 Product details

1 Features
• Request full data sheet
• Dual RF sampling 12 GSPS transmit DACs
• Dual RF sampling 3 GSPS receive ADCs
• Maximum signal bandwidth per TX or RX: 400
MHz
• RF frequency range: 5 MHz - 7.4 GHz
• Digital step attenuators (DSA):
– TX: 40 dB range, 0.125 dB steps
– RX: 25 dB range, 0.5 dB steps
• Single or dual-band DUC/DDCs for TX and RX
• 16x NCOs per TX/RX
• Optional Internal PLL/VCO for DAC/ADC clocks or
external clock at DAC or ADC sample rate
• Sysref Alignment Detector
• SerDes data interface:
– JESD204B and JESD204C compatible
– 8 SerDes transceivers up to 29.5 Gbps
– Subclass 1 multi-device synchronization
• Package: 17 mm × 17 mm FCBGA, 0.8-mm pitch

2 Applications
• Radar
• Seeker Front End
• Defense Radio
• Tactical Communications Infrastructure
• Wireless Communications Test

3 Description
The AFE7903 is a high performance, wide bandwidth
multi-channel transceiver, integrating two RF sampling
transmitter chains and two RF sampling receiver
chains. With operation up to 7.4 GHz, this device
enables direct RF sampling in the HF, VHF, UHF,
L, S and C-band frequency ranges without the need
for additional frequency conversions stages. This
improvement in density and flexibility enables highchannel-
count, multi-mission systems.
The TX signal paths support interpolation and digital
up conversion options that deliver up to 400 MHz of
signal bandwidth. The output of the DUCs drives a
12 GSPS DAC (digital to analog converter) with a
mixed mode output option to enhance 2nd Nyquist
operation. The DAC output includes a variable gain
amplifier (TX DSA) with 40 dB range and 1 dB analog
and 0.125 dB digital steps.




Similar Part No. - AFE7903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7903 TI-AFE7903 Datasheet
15Mb / 152P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
MARCH 2022
AFE7903IABJ TI-AFE7903IABJ Datasheet
15Mb / 152P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
MARCH 2022
More results


Similar Description - AFE7903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7950 TI-AFE7950 Datasheet
573Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7900 TI1-AFE7900 Datasheet
597Kb / 8P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI1-AFE7950_V01 Datasheet
605Kb / 9P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
AFE7950 TI-AFE7950_V02 Datasheet
740Kb / 13P
AFE7950 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
SEPTEMBER 2021
AFE7903 TI-AFE7903 Datasheet
15Mb / 152P
AFE7903 2T2R 5-MHz to 7.4-GHz RF Sampling AFE with 12-GSPS DACs and 3-GSPS ADCs, 400-MHz IBW
MARCH 2022
AFE7900 TI-AFE7900_V01 Datasheet
16Mb / 157P
AFE7900 4T6R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MARCH 2022
AFE7901 TI-AFE7901 Datasheet
15Mb / 160P
AFE7901 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
APRIL 2023
AFE7951 TI-AFE7951 Datasheet
13Mb / 135P
AFE7951 4T4R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
MAY 2023
AFE7953 TI1-AFE7953 Datasheet
13Mb / 127P
AFE7953 2T2R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
AFE7955 TI1-AFE7955 Datasheet
15Mb / 126P
AFE7955 2T3R RF Sampling AFE with 12 GSPS DACs and 3 GSPS ADCs
JULY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com