Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV2701 Datasheet (PDF) - Microchip Technology

HV2701 Datasheet PDF - Microchip Technology
Part # HV2701
Download  HV2701 Download
File Size   455.79 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Charge Injection, 16-Channel, High-Voltage Analog Switch

HV2701 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV2701 Datasheet PDF - Microchip Technology

Part # HV2701
Download  HV2701 Click to download

File Size   455.79 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Charge Injection, 16-Channel, High-Voltage Analog Switch

HV2701 Datasheet (HTML) - Microchip Technology


HV2701 Product details

General Description
The HV2601/HV2701 devices are low-charge injection,
16-channel, high-voltage analog switch integrated
circuits (ICs). These devices are designed for use in
applications requiring high-voltage switching controlled
by low-voltage control signals, such as medical
ultrasound imaging and other piezoelectric transducer
drivers. The HV2701 has integrated bleed resistors
which eliminate voltage build-up on capacitive loads,
such as piezoelectric transducers.
These ICs shift input data into a 16-bit shift register that
can then be retained in a 16-bit latch. To reduce any
possible clock feed-through noise, the latch enable bar
should be left high until all bits are clocked in. Data are
clocked in during the rising edge of the clock. Using
High-Voltage CMOS technology, these devices
combine high-voltage, bilateral DMOS switches and
low-power CMOS logic to provide efficient control of
high-voltage analog signals.
The device is suitable for various combinations of highvoltage
supplies, e.g., VPP/VNN: +40V/–160V,
+100V/–100V, and +160V/–40V.

Features
• High-Voltage CMOS Technology for High
Performance
• 16-Channel High-Voltage Analog Switch
• 3.3V Input Logic Level Compatible
• 20 MHz Data Shift Clock Frequency
• Very Low Quiescent Power Dissipation (–10 μA)
• Low Parasitic Capacitance
• DC to 50 MHz Small Signal Frequency Response
• –60 dB Typical OFF-Isolation at 5.0 MHz
• CMOS Logic Circuitry for Low Power
• Excellent Noise Immunity
• Cascadable Serial Data Register with Latches
• Flexible Operating Supply Voltages
• Integrated Bleed Resistors on the Outputs (HV2701 Only)

Applications
• Medical Ultrasound Imaging
• NDT Metal Flaw Detection
• Piezoelectric Transducer Drivers
• Optical MEMS Modules




Similar Part No. - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2701 SUTEX-HV2701 Datasheet
509Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701 SUTEX-HV2701 Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
logo
Microchip Technology
HV2701BD-M936 MICROCHIP-HV2701BD-M936 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Supertex, Inc
HV2701FG-G SUTEX-HV2701FG-G Datasheet
509Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
HV2701FG-G SUTEX-HV2701FG-G Datasheet
714Kb / 8P
Low Charge Injection 16-Channel High Voltage Analog Switch with Bleed Resistors
More results


Similar Description - HV2701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2601 SUTEX-HV2601 Datasheet
505Kb / 7P
Low Charge Injection 16-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800 Datasheet
179Kb / 17P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 0; 4/09
MAX14800 MAXIM-MAX14800_09 Datasheet
230Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
Rev 1; 9/09
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
CPC7601 IXYS-CPC7601 Datasheet
982Kb / 11P
Low Charge Injection, 16-Channel High Voltage Analog Switch
logo
Microchip Technology
HV2601 MICROCHIP-HV2601 Datasheet
364Kb / 18P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
07/14/15
logo
Maxim Integrated Produc...
MAX14800 MAXIM-MAX14800_V01 Datasheet
857Kb / 20P
Low-Charge Injection, 16-Channel, High-Voltage Analog Switches
2021
logo
Microchip Technology
HV2621 MICROCHIP-HV2621 Datasheet
726Kb / 26P
300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
Revision A September 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com