Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VBUS54FD-SD1 Datasheet (PDF) - Vishay Siliconix

VBUS54FD-SD1 Datasheet PDF - Vishay Siliconix
Part # VBUS54FD-SD1
Download  VBUS54FD-SD1 Download
File Size   137.71 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Line BUS-Port ESD Protection Array - Flow Through Design

VBUS54FD-SD1 Datasheet (PDF)

Go To PDF Page Download Datasheet
VBUS54FD-SD1 Datasheet PDF - Vishay Siliconix

Part # VBUS54FD-SD1
Download  VBUS54FD-SD1 Click to download

File Size   137.71 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 4-Line BUS-Port ESD Protection Array - Flow Through Design

VBUS54FD-SD1 Datasheet (HTML) - Vishay Siliconix


VBUS54FD-SD1 Product details

FEATURES
• Compact chip level page CLP1007-5L
• Length = 1 mm; width = 0.7 mm; height = 0.27 mm
• 4-lines, unidirectional ESD protection array
• Low leakage current IR < 0.1 μA
• Low capacitance at VR = 0 V = 0.9 pF (typ.)
• Ideal for high speed data line like
- HDMI, DisplayPort, eSATA
- USB, 1394/firewire
- Thunderbolt
• ESD immunity acc. IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - VBUS54FD-SD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1 Datasheet
113Kb / 6P
4-Line BUS-Port ESD Protection Array - Flow Through Design
20-Sep-16
More results


Similar Description - VBUS54FD-SD1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS054B-HS3 VISHAY-VBUS054B-HS3 Datasheet
309Kb / 9P
4-Line BUS-port ESD-protection
07-Oct-08
VBUS54ED-FBL VISHAY-VBUS54ED-FBL Datasheet
133Kb / 6P
4-Line BUS-Port ESD Protection - Flow Through Design
15-Aug-11
VBUS052CD-FAH VISHAY-VBUS052CD-FAH Datasheet
646Kb / 6P
2-Line BUS-Port ESD-Protection - Flow Through Design
19-May-10
VBUS054CD-FHI VISHAY-VBUS054CD-FHI Datasheet
131Kb / 7P
4-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
VBUS052CD-FAH-GS08 VISHAY-VBUS052CD-FAH-GS08 Datasheet
139Kb / 7P
2-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1 Datasheet
113Kb / 6P
4-Line BUS-Port ESD Protection Array - Flow Through Design
20-Sep-16
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
4-Line BUS-Port ESD Protection
03-May-17
VBUS54GD-FBL VISHAY-VBUS54GD-FBL Datasheet
136Kb / 8P
4-Line BUS-Port ESD Protection - Flow Through Design
03-May-17
VBUS052C-FAH VISHAY-VBUS052C-FAH Datasheet
136Kb / 7P
2-Line BUS-Port ESD Protection - Flow Through Design
14-Oct-2019
VBUS052CD-FAH VISHAY-VBUS052CD-FAH_V01 Datasheet
137Kb / 7P
2-Line BUS-Port ESD Protection - Flow Through Design
14-Oct-2019
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com