Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S40D30CE Datasheet (PDF) - Mospec Semiconductor

S40D30CE Datasheet PDF - Mospec Semiconductor
Part # S40D30CE
Download  S40D30CE Download
File Size   180.44 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Schottky Barrier Rectifiers

S40D30CE Datasheet (PDF)

Go To PDF Page Download Datasheet
S40D30CE Datasheet PDF - Mospec Semiconductor

Part # S40D30CE
Download  S40D30CE Click to download

File Size   180.44 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Schottky Barrier Rectifiers

S40D30CE Datasheet (HTML) - Mospec Semiconductor


S40D30CE Product details

SCHOTTKY BARRIER RECTIFIERS 40 AMPERES 30-60 VOLTS



Using the Schottky Barrier principle with a Molybdenum barrier metal. These state-of-the-art geometry features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity protection diodes.



* Low Forward Voltage.

* Low Switching noise.

* High Current Capacity

* Guarantee Reverse Avalanche.

* Guard-Ring for Stress Protection.

* Low Power Loss & High efficiency.

* 150℃ Operating Junction Temperature

* Low Stored Charge Majority Carrier Conduction.

* Plastic Material used Carries Underwriters Laboratory

Flammability Classification 94V-O




Similar Part No. - S40D30CE

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S40D30C MOSPEC-S40D30C Datasheet
258Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(40A,30-60V)
logo
Won-Top Electronics
S40D30C WTE-S40D30C Datasheet
56Kb / 4P
40A DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - S40D30CE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com